Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH60-20B12-DT Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH60-20B12-DT
Description  60W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH60-20B12-DT Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH60-20B12-DT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AC/DC Converter
LH60-20Bxx(-DT) Series
2015.02.27-A/4
Page 1 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
60W, AC/DC converter
RoHS
FEATURES
Wide input voltage range:
90~264VAC/122~370VDC
Low standby power consumption: 0.5W,
conversion efficiency up to 86%, high isolation
voltage up to 4K VAC
Output short circuit, over-current, over-voltage
protections
Meets IEC61000, UL60950, EN60950 standards
Mounting: PCB mounting,
Chassis mounting, DIN-Rail
mounting
available
LH60-20Bxx(-DT) series are 60W efficient environmental-protection AC-DC module power supplies which have advantages of high surge
resistance, high efficiency, high reliability, low power consumption and high safety isolation, etc. The series products are widely used in
industrial control and other power industries.
Note: Please refer to Design Reference when module being used in a bad EMC environment.
Selection Guide
Certification
Part No.*
Output Power
Nominal Output Voltage
and Current(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive Load
(μF)
UL/CE
LH60-20B05
50W
5V/10A
82
80000
LH60-20B05-DT
LH60-20B09
60W
9V/6.6A
84
28000
LH60-20B09-DT
LH60-20B12
12V/5A
86
14000
LH60-20B12-DT
LH60-20B15
15V/4A
86
12000
LH60-20B24
24V/2.5A
86
4000
LH60-20B48
48V/1.25A
86
1000
Note: 1.*LH60-20Bxx-DT series has no input under-voltage protection.
2.*Part No. with a suffix of “A5” means chassis mounting and that with a suffix of “A6” means DIN-Rail mounting (e.g. LH60-20B05A5 means chassis
mounting; LH60-20B05A6 means DIN-Rail mounting).
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
90
--
264
VAC
DC input
122
--
370
VDC
Input Frequency
47
--
63
Hz
Input Current
115VAC
--
--
1.4
A
230VAC
--
--
0.7
Inrush Current
115VAC
--
30
--
230VAC
--
50
--
Input Under-voltage
Protection
Start-up Voltage
AC input
65
--
90
VAC
DC input
92
--
122
VDC
Shutdown Voltage
AC input
55
--
75
VAC
DC input
79
--
105
VDC
Hot Plug
Unavailable


Similar Part No. - LH60-20B12-DT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B12-DT MORNSUN-LH60-20B12-DT Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
More results

Similar Description - LH60-20B12-DT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com