Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH60-20B12-DT Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH60-20B12-DT
Description  60W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH60-20B12-DT Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH60-20B12-DT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH60-20B12-DT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AC/DC Converter
LH60-20Bxx(-DT) Series
2015.02.27-A/4
Page 2 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±2
--
%
Line Regulation
Full load
--
±0.5
--
Load Regulation
5%-100% load
--
±1
--
Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
--
150
mV
Temperature Coefficient
--
±0.02
--
%/℃
Stand-by Power Consumption
--
--
0.5
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
110%Io self-recovery
Over-voltage Protection
5V Output
--
--
9
V
9V Output
--
--
16
12V Output
--
--
16
15V Output
--
--
24
24V Output
--
--
35
48V Output
--
--
63
Min. Load
0--
--
%
Trim
--
--
±10
Hold-up Time
115VAC input
--
15
--
ms
230VAC input
--
80
--
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
4000
--
--
VAC
Input-
1500
--
--
Output-
500
--
--
Operating Temperature
-40
--
+70
Storage Temperature
-40
--
+85
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
--
100
--
KHz
Power Derating
-40℃ to -30℃
4.0
--
--
%/℃
+45℃ to +70℃ (5V, 9V output)
3.0
--
--
+50℃ to +70℃ (12V, 15V output)
2.5
--
--
+55℃ to +70℃ (24V, 48V output)
Safety Standard
IEC60950/EN60950/UL60950
Safety Certification
EN60950/UL60950
Safety Class
CLASS I
MTBF
MIL-HDBK-217F@25℃ > 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimension
Horizontal package
109.00*58.50*30.00 mm
A5 chassis mounting
135.00*70.00*38.50 mm
A6 Din-Rail mounting
137.00*70.00*44.00 mm
Weight
Horizontal package/A5 chassis mounting/A6 Din-Rail mounting
310g/400g /470g (Typ.)
Cooling Method
Free convection


Similar Part No. - LH60-20B12-DT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B12-DT MORNSUN-LH60-20B12-DT Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
More results

Similar Description - LH60-20B12-DT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com