Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD501D485 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TD501D485
Description  Isolation transceiver module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD501D485 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TD501D485 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD501D485 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD501D485 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD501D485 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Industrial Bus
TDx01D485 Series
2015.09.16-A/3
Page 3 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1.Typical application
0.1UF
DC/DC
VCC
TXD
CON
RXD
MCU
DI
DE
RE
RO
RS485EEN
GND
A
B
VCC
+5V
6N137
6N137
6N137
+5V
Conventional Circuit
RXD
TXD
GND
VCC
A
B
RGND 10
9
8
RXD
TXD
1
2
3
4
MCU
VCC
485 Bus
CON
CON
5
New Circuit
Fig. 1
2.Recommended EMC circuit
GND
+
TXD
L1
RXD
CON
RGN D
A
B
1
2
3
4
5
10
9
8
TVS1 C1
C2
C3
R4
TVS2
R5
TVS3
TVS4
GDT1
R1
C4
VCC
C5
C6
A1
B1
R2
R3
GDT2
GDT3
Fig. 2
Recommended external circuit parameters:
Model
TD301D485/TD501D485
±0.25KV/±0.5KV
±0.5KV/±1KV
±1KV/±2KV
±2KV/±4KV
±4KV/±6KV
C1
220uF/10V(Electrolytic capacitor)
220uF/10V(Electrolytic capacitor)
TVS1
SMCJ5.0A (TD301D485) / SMCJ6.5A(TD501D485)
C2/C3
1uF/50V
1uF/50V
L1
10μH
10μH
C5/C6
100pF/100V
100pF/100V
C4
1nF/2KV
1nF/2KV
R1
1MΩ
1MΩ
TVS2/TVS3/TVS4
SMBJ15CA
SMBJ15CA
R4/R5
--
--
10Ω/2W(Wire-
wound resistor)
10Ω/2W(Wire-
wound resistor)
10Ω/2W(Wire-
wound resistor)
R2/R3
10Ω/1W(Wire-
wound resistor)
10Ω/2W(Wire-
wound resistor)
--
--
--
GDT1/GDT2/GDT3
--
--
G30-A90X
S30-A90X
S50-A90X
Notes:
1
GDT1, GDT2 and GDT3 be used instead of a three terminal gas discharge tube. Such as GDT1, GDT2 and GDT3 three
two-terminal device available gas discharge tube instead of a three-terminal at "± 4KV / ± 6KV" hierarchy, as B3D090L-C.
2
It is not needed the component when parameter with the symbol of "--".
3.For more information please find the application notes on www.mornsun-power.com


Similar Part No. - TD501D485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD501D485 MORNSUN-TD501D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H MORNSUN-TD501D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H MORNSUN-TD501D485H Datasheet
253Kb / 4P
   Industrial Bus
TD501D485H-A MORNSUN-TD501D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H-E MORNSUN-TD501D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
More results

Similar Description - TD501D485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
   Isolation transceiver module
logo
Guangzhou Reicu Electro...
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
   485 Enhanced Isolation Transceiver Module
REV:15.4
logo
MORNSUN Science& Techno...
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com