Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QA03 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # QA03
Description  DC/DC Converter for IGBT driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

QA03 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  QA03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. QA03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. QA03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. QA03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. QA03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter for IGBT Driver
QA Series
2015.06.03-B/0
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Min.
Max.
-8%
+2.5%
Output Current Percent
(Nominal Input Voltage)
Tolerance Envelope Curve
Fig. 1
(Excluding QA01-09 model)
1 20
1 00
8 0
6 0
4 0
2 0
0
-4 0
0
4 0
1 05
8 5
Amb ient Tempe rature( )
Saf e Op erati ng Area
Temp er atur e D erating Cur ve
Fig. 2
Design Reference
1. Typical application
Control Signal
IGBT
Drive r
7
6
1
2
5
Vin
C1
C2
C3
DC/DC
IGBT
Rg
Vin
GND
+Vo
0V
-Vo
Fig. 3
Note: On both ends of capacitance C2 and C3 shunt respectively a
capacitance value in 1uF -10uF ceramic capacitors.
C1/ C2 /C3
100uF/35V (Low internal resistance capacitance)


Similar Part No. - QA03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
QA03 MORNSUN-QA03 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
More results

Similar Description - QA03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
QC962-8A MORNSUN-QC962-8A Datasheet
237Kb / 5P
   DC-DC Converter for IGBT Driver
QA053-1509R3 MORNSUN-QA053-1509R3 Datasheet
2Mb / 8P
   DC/DC Converter for IGBT Driver
2022.07.19
QA123H-1509R3 MORNSUN-QA123H-1509R3 Datasheet
1Mb / 6P
   DC/DC Converter for IGBT Driver
2022.07.19
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
logo
Schurter Inc.
PSDM-6 SCHURTER-PSDM-6 Datasheet
313Kb / 2P
   DC/DC Converter for IGBT- or MOSFET Driver Modules
logo
Powerex Power Semicondu...
VLA500-01 POWEREX-VLA500-01 Datasheet
387Kb / 7P
   Hybrid IC IGBT Gate Driver DC/DC Converter
VLA502-01 POWEREX-VLA502-01 Datasheet
405Kb / 7P
   Hybrid IC IGBT Gate Driver DC/DC Converter
logo
MORNSUN Science& Techno...
QA01C MORNSUN-QA01C_15 Datasheet
1Mb / 4P
   DC/DC Converter for SiC Driver
QA123HC-1504R3 MORNSUN-QA123HC-1504R3 Datasheet
2Mb / 7P
   DC/DC Converter for SiC Driver
2022.07.19
logo
CUI INC
VQA3-S CUI-VQA3-S Datasheet
3Mb / 8P
   IGBT DRIVER DC-DC
10/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com