Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH20-13B12 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH20-13B12
Description  5-25W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH20-13B12 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH20-13B12 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH20-13B12 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH20-13B12 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH20-13B12 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH20-13B12 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH20-13B12 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC/DC Converter
LH(05-25)-13Bxx Series
2015.03.02-A/1
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Storage Temperature
-40
--
+105
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
LH05 models
--
65
132
kHz
LH10 models
--
100
--
LH15/LH20/LH25 models
--
65
--
Power Derating
-40℃ to -10℃
2--
--
%/℃
50℃ to +70℃ (LH25-13Bxx)
3--
--
55℃ To +70℃ (Others)
4--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety Certification
EN60950/UL60950
Safety Class
LH15-13Bxx
CLASS II
Others
CLASS I
MTBF
MIL-HDBK-217F@25℃ > 300,000 h
Note:* There is no pin
on LH15-13Bxx .
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Package Dimensions
Refer to the Dimensions
Weight
Refer to the Dimensions
Cooling method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS B
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2
Contact ±6KV/Air ±8KV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
±1KV/±2KV
perf. Criteria B
IEC/EN61000-4-5
±2KV/4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
Voltage dips, short interruptions
and voltage variations immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Product Characteristic Curve
-40
-10
50 55
70
100
80
60
40
20
100~ 277VAC
Temperature Derating Curve
Input voltage:
Ambient temperature( )
Others series
LH25-13B series
100
277
85
305
20
40
100
60
80
75
Ambient temperature:25
Input Voltage
Input Voltage Derating Curve
120
390
100
430
VAC
VDC
Note: ①Input voltage should be derated based on temperature derating when it is 85-100VAC/277~305VAC/100-120VDC/390~430VDC;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.


Similar Part No. - LH20-13B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH20-13B12 MORNSUN-LH20-13B12 Datasheet
265Kb / 6P
   AC-DC CONVERTER
More results

Similar Description - LH20-13B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com