Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB1D12YMD-6W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB1D12YMD-6W
Description  DC-DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB1D12YMD-6W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB1D12YMD-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB1D12YMD-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB1D12YMD-6W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB1D12YMD-6W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB1D12YMD-6W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
URB1D_YMD-6W Series
2015.09.14-A/3
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
6W, ultra wide input isolated & regulated
single output DC-DC converter
RoHS Patent Protection
FEATURES
Wide range of input voltage (4:1)
Efficiency up to 85%
Isolation voltage :1.5K VDC
Operating temperature range: -40℃ to +85℃
Output over-voltage protection, Short circuit
protection
Low ripple & noise
Meet EN60950
International standard pin-out
URB1D_YMD-6W series are isolated 6W DC-DC products with 4:1 input voltage .They feature efficiency up to 85%, 1500VDC isolation,
operating temperature of -40℃~+85℃, output over-voltage protection,short-circuit protection. It offers good EMC performance, meet
EN60950 standards. All models are particularly suited to railway etc.c.
Selection Guide
certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max.
Capacitive
Load(µF)
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
CE
URB1D05YMD-6W
110
(40-160)
170
5
1200/60
79/81
1000
URB1D12YMD-6W
12
500/25
81/83
100
URB1D15YMD-6W
15
400/20
83/85
100
URB1D24YMD-6W
24
250/13
83/85
47
Note:
series with suffix “A2S” are chassis mounting, for example URB1D05YMD-6WA2S is chassis mounting,
Absolute maximum rating without damage on the converter, but it isn't recommended;
The efficiency of A2S (wiring type) products is 2% lower than the above-mentioned value due to the reverse connection protection for input;
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
--
67/2
70/5
mA
Reflected Ripple Current
--
20
--
Input impulse Voltage (1sec. max.)
-0.7
--
180
VDC
Starting Voltage
--
--
40
Input Filter
Pi filter
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±2
%
Line Regulation
Full load, the input voltage is from low voltage to
high voltage
--
±0.2
±0.5
Load Regulation
5%-100% load
--
±0.5
±1
Transient Recovery Time
25% load step change
--
300
1000
µs
Transient Response Deviation
--
±3
±5
%
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Ripple&Noise*
20MHz bandwidth
--
70
100
mV p-p
Over-voltage Protection
Input voltage range
110
--
140
%Vo
Short circuit Protection
Continuous
Note: * Ripple and noise tested with “parallel cable” method, please see
DC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and
the leak current lower than 1mA.
1500
--
--
VDC


Similar Part No. - URB1D12YMD-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D12YMD-6W MORNSUN-URB1D12YMD-6W Datasheet
490Kb / 4P
    SINGLE OUTPUT DIP PACKAGINGDC-DC CONVERTER
URB1D12YMD-6WR3 MORNSUN-URB1D12YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
URB1D12YMD-6WR3 MORNSUN-URB1D12YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
More results

Similar Description - URB1D12YMD-6W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com