Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF6254N Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # TF6254N
Description  Signal conditioning modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TF6254N Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  TF6254N Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TF6254N Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TF6254N Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TF6254N Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TF6254N Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Signal conditioning modules
TFxxxxN Series
2015.04.29-A/3
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Function
Zero adjustment function by setting up adjustment resistor at the zero point can change the zero signal transmission, which makes the
output signal overall migration. Full adjustment function is also called the gain adjustment function, and it can change the ratio of signal
transmission through the set up corresponding adjust resistance at the full adjustment, and the isolation transmission proportion of input and
output signal value would be changed.
Usage
Adding and reducing negative zero resistance can reduce the zero of signal output. Adding and reducing positive zero resistance can
increase the zero of signal output. Adding and reducing negative full adjustable resistance can reduce the ratio of signal transmission,
Adding and reducing negative full adjustable resistance can increase the ratio of signal transmission. You can use potentiometer to adjust
the output signal of zero and full in practical application. As shown in the figure 3, the terminal of full or zero adjustment is connected to the
sliding of potentiometer, and the both ends of potentiometer is to the zero or full reference of positive and negative regulating reference .
Sliding potentiometer to adjust signal full or changing the ratio of rise and fall can also adjust zero and full of the output signal.
As shown in the figure 3, Adjusting the potentiometer to positive can increase zero or full of the corresponding signal. Adjusting the
potentiometer to negative can reduce zero or full of the corresponding signal. The maximum recommended range of potentiometer is
10KΩ~1MΩ, detail resistance selection according to the adjustment accuracy. Choose larger resistance potentiometer for high precision
fine-tuning. Choose smaller resistance potentiometer for a wide range of rough adjustment.
Notice
Using the function of zero and full adjustment will affect original accuracy. Due to the effect on temperature drift of external
adjustment resistor and the stability of the potentiometer, temperature drift of product will be changed, too. For the zero and full adjustment
potentiometer, the ratio between positive resistance and negative resistance, which makes the zero point of different products
predetermined Zero point is diverse. Please set the value of potentiometer according to actual situation.
2. Recommended EMC circuit
Signal output
C1
10 +
D1
11 -
18 +
D2
17 -
C2
1+
2-
D3
R1
R2
16
15
Isolation power output
D4
R3
R4
9+
8-
7
6
Signal input
Power supply
+
+
Fig. 4
Components
Recommended parameters
C1
100uF/35V
C2
4.7uF/35V
R1
Negative zero adjustment resistance
R2
Positive zero adjustment resistance
R3
Negative gain adjustment resistance
R4
Positive gain adjustment resistance
D1
SMCJ28A
D2
SMCJ30A
D3
SMBJ15A
D4
SMBJ15A
2. For more information please find the application notes on www.mornsun-power.com


Similar Part No. - TF6254N

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TF6254N MORNSUN-TF6254N Datasheet
179Kb / 4P
   Isolated Transmitter
More results

Similar Description - TF6254N

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TEM5630AN MORNSUN-TEM5630AN_15 Datasheet
226Kb / 3P
   Signal conditioning modules
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
   Signal conditioning modules
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com