Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB2405MT-3WR3 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # URB2405MT-3WR3
Description   DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2405MT-3WR3 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  URB2405MT-3WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB2405MT-3WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2405MT-3WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB2405MT-3WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB2405MT-3WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
URB_MT-3WR3 Series
2015.09.01-A/2
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±3
%
Line Regulation
Full load, the input voltage is from low voltage to
high voltage
--
±0.2
±0.5
Load Regulation
0%-100% load
--
±0.5
±1
Transient Recovery Time
25% load step change
--
300
500
µs
Transient Response Deviation
--
±3
±5
%
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Ripple & Noise*
20MHz bandwidth,5%-100% load
--
30
120
mV p-p
Over-current Protection
Input voltage range
--
150
250
%Io
Short circuit Protection
Hiccup protection
Note: *Ripple and noise are measured by “parallel cable” method, please see DC-DC Converter Application Notes for specific operation.
0%-5% load ripple&Noise is no more than 5%Vo.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the
leak current lower than 1mA
1500
--
--
VDC
Insulation Resistance
Input-output, insulation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
1000
--
pF
Operating Temperature
Derating if the temperature is ≥71℃ (see Fig. 1)
-40
--
+85
Storage Temperature
-55
--
+125
Casing Temperature Rise
Ta=25℃, nominal input, full load output
--
+65
--
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
+300
Storage Humidity
Non-condensing
5
--
95
%RH
Reflow Soldering
Temperature
Peak temp.≤245℃, maximum duration time≤60s
at 217℃.
For actual application, please refer to IPC/JEDEC
J-STD-020D.1.
Vibration
10-55Hz, 10G, 30 Min. along X, Y and Z
Switching Frequency*
PWM Mode
--
350
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Note:*This series of products using lower frequency technology, the switching frequency value is the test value in full load, when the load is reduced to 50% or less,
the switching frequency decreases with decreasing load.
Physical Specifications
Casing Material
Black flame-retardant heat-proof plastic
Dimensions
19.20*18.10*10.16 mm
Weight
3.50g(Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022 CLASS B (see Fig.3-② for recommended circuit)
RE
CISPR22/EN55022 CLASS B (see Fig.3-② for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (see Fig.3-① for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV (see Fig.3-① for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Immunities of voltage dip, drop and
short interruption
IEC/EN61000-4-29 0-70%
perf. Criteria B


Similar Part No. - URB2405MT-3WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2405MT-3WR3 MORNSUN-URB2405MT-3WR3 Datasheet
1Mb / 5P
   Ultra wide input voltage rang
More results

Similar Description - URB2405MT-3WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com