Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URA4812LD-20WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URA4812LD-20WR3
Description  DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA4812LD-20WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URA4812LD-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR3 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DC/DC Converter
URA_LD-20WR3 & URB_LD-20WR3 Series
2015.09.28-A/3
Page 1 of 9
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
20W,Ultra wide input isolated & regulated dual /
single output DC/DC converter
CB Patent Protection RoHS
FEATURES
Wide range of input voltage (4:1)
Efficiency up to 90%
No-load power consumption as low as 0.15W
Isolation voltage :1500VDC
Input under-voltage protection, output short
circuit
protection,
over-voltage
protection,
over-current protection
Operating temperature range: -40℃ to +85℃
Meet CISPR22/EN55022 CLASS A
Six-sided metal shielding package
A2S (wring mounting) and A4S (35mm rail
mounting) products featuring reverse polarity
protection for input
Meet UL60950 , EN60950 and
IEC60950
URA_LD-20WR3 & URB_LD-20WR3 series are isolated 20W DC-DC products with 4:1 input voltage. They feature efficiency up to 90%, 1500VDC
isolation, operating temperature of -40℃~+85℃, Input under-voltage protection, output short circuit protection, over-voltage protection,
over-current protection and EMI meets CISPR22/EN55022 CLASS A, which make them widely applied in data transmission device, battery
power supplies, tele-comunication device, distributed power supply system, remote control system, industrial robot system fields. And
extension package A2S and A4S also enable them with reverse voltage protection.
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive
Load
(µF)
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
UL/CE/CB
URA2405LD-20WR3
24
(9-36)
40
±5
±2000/0
84/86
4800
URA2409LD-20WR3
±9
±1111/0
86/88
1000
URA2412LD-20WR3
±12
±834/0
86/88
800
URA2415LD-20WR3
±15
±667/0
86/88
625
URB2403LD-20WR3
3.3
5000/0
84/86
10000
URB2405LD-20WR3
5
4000/0
88/90
10000
URB2409LD-20WR3
9
2222/0
87/89
4700
URB2412LD-20WR3
12
1667/0
87/89
1600
URB2415LD-20WR3
15
1333/0
88/90
1000
URB2424LD-20WR3
24
834/0
88/90
500
URA4805LD-20WR3
48
(18-75)
80
±5
±2000/0
84/86
4800
URA4812LD-20WR3
±12
±834/0
86/88
800
URA4815LD-20WR3
±15
±667/0
87/89
625
URB4803LD-20WR3
3.3
5000/0
84/86
10000
URB4805LD-20WR3
5
4000/0
88/90
10000
--
URB4809LD-20WR3
9
2222/0
87/89
4700
UL/CE/CB
URB4812LD-20WR3
12
1667/0
87/89
1600
URB4815LD-20WR3
15
1333/0
88/90
1000
URB4824LD-20WR3
24
834/0
88/90
500
Notes:①Series with suffix “H” are heat sink mounting; series with suffix “A2S” are chassis mounting,with suffix “A4S” are DIN-Rail mounting, for example
URB2405LD-20WHR3A2S is chassis mounting of with heat sink,URB2405LD-20WR3A4S is DIN-Rail mounting of without heat sink; If the application has a
higher requirement for heat dissipation, you can choose modules with heat sink;
Absolute maximum rating without damage on the converter, but it isn't recommended;
Efficiency is measured In nominal input voltage and rated output load;A2S (wiring) and A4S (rail) Model due to input reverse polarity protection,
minimum efficiency greater than Min.-2 is qualified;
The capacitive loads of positive and negative outputs are identical.


Similar Part No. - URA4812LD-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA4812LD-20WR3 MORNSUN-URA4812LD-20WR3 Datasheet
539Kb / 8P
   DC/DC Converter
More results

Similar Description - URA4812LD-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com