Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URH2405P-6WR3 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URH2405P-6WR3
Description  DC/DC Power Supply Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URH2405P-6WR3 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URH2405P-6WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URH2405P-6WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URH2405P-6WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URH2405P-6WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Power Supply Module
URH_P-6WR3 Series
2015.04.16-A/2
Page 3 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
Temperature Derating Curve
-40
0
40
71 85
120
0
20
40
60
80
100
120
Safe Operating Area
Fig. 1
URH2405P-
6WR3
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
Efficiency Vs Input (Full Load)
URH2405P-
6WR3
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)
URH4815P-
6WR3
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
Efficiency Vs Input Voltage (Full Load)
URH4815P-
6WR3
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=Vin-nominal)
Design Reference
1. Typical application
All the DC/DC converters of this series are tested according to the recommended circuit (see Fig. 2) before delivery.
If it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig. 2
Vin
Cin
Cout
24VDC
100uF
10μF
48VDC
10μF-47μF10μF
2. EMC solution-recommended circuit
C0
MOV
FUSE
V in
GND
+
Vin
GND
+Vo
-Vo
(0V)
DC/DC
C1
LOAD
Fig. 3
Notes: Part ① in the Fig. 3 is used for EMS test.
Parameter description
Model
Vin:24V
Vin:48V
FUSE
Choose according to actual input current
MOV
S14K35
S14K60
C0
330μF/50V
330μF/100V
C1
Refer to the Cout in Fig.2


Similar Description - URH2405P-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
   DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
logo
STMicroelectronics
SPAC265-8W STMICROELECTRONICS-SPAC265-8W Datasheet
225Kb / 9P
   AC-DC power supply module
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
Wall Industries,Inc.
DCUPH6 WALL-DCUPH6 Datasheet
437Kb / 5P
   6 Watts DC/DC Power Supply Module Single Output
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
   Power Supply DC-DC Converters
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com