Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB1224S-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # WRB1224S-1WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB1224S-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  WRB1224S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB1224S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB1224S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB1224S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB1224S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB1224S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
WRA_S-1WR2 & WRB_S-1WR2 Series
2015.08.26-A/4
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimension
22.00*9.50*12.00 mm
Weight
4.90g(Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022 CLASS B (see Fig. 3-② for recommended circuit)
RE
CISPR22/EN55022 CLASS B (see Fig. 3-② for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (see Fig. 3-① for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV (see Fig. 3-① for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Voltage dips, short interruptions
and voltage variations immunity
IEC/EN61000-4-29 0%-70%
perf. Criteria B
Product Characteristic Curve
Environment Temperature.( )
Temperature Derating Curve
120
100
80
60
40
20
0
-40
0
40
85
Safe Operation Area
60
Fig 1


Similar Part No. - WRB1224S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB1224S-1W MORNSUN-WRB1224S-1W Datasheet
244Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB1224S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com