Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A0524S-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # A0524S-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A0524S-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  A0524S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A0524S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A0524S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A0524S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A0524S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
A_S-1WR2 & B_LS-1WR2 Series
2015.04.20-B/0
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output Short Circuit Protection**
A24xxS-1WR2 /B24xxLS-1WR2
A0524S-1WR2/B0524LS-1WR2
--
--
1
s
others
Continuous, self-recovery
Note: * Ripple and noise tested with “parallel cable” method, please see DC-DC Converter Application Notes for specific operation methods.
**Supply voltage must be discontinued at the end of short circuit duration for A24xxS-1WR2 /B24xxLS-1WR2 series, and A0524S-1WR2/ B0524LS-1WR2
models.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the leak
current lower than 1mA
1500
--
--
VDC
Insulation Resistance
Input-output, insulation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating if the temperature ≥85°C, (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
25
--
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Switching Frequency
100% load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Package Dimensions
19.50*9.30*6.00 mm
Weight
2.4g(Typ.)
Cooling methods
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
EMS
Electrostatic discharge
A_S-1WR2
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B
B_LS-1WR2
IEC/EN61000-4-2
Contact ±8KV
perf. Criteria B
Product Characteristic Curve
3.3VDC output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
100%
Typ.
Min.
Max.
-15%
-7.5%
+1.0%
-15%
Tolerance Envelope Curve
Output Current Percentage(%)
(Nominal Input Voltage)
Other output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ.
Min.
Max.
-7.5%
-2.5%
+2.5%
Output Current Percent(%)
(Nominal Input Voltage)
Tolerance Envelope Curve
Fig. 1


Similar Part No. - A0524S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0524S-1WR2 MORNSUN-A0524S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0524S-1WR2 MORNSUN-A0524S-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
More results

Similar Description - A0524S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com