Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0787261031 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0787261031
Description  DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0787261031 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0787261031 Datasheet HTML 1Page - Molex Electronics Ltd. 0787261031 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-78726-002
Electrical Model Document
EE-78726-002, EE-78726-004
Product Specification
PS-78726-001, RPS-78726-002
S-Parameter Model
SP-78726-002, SP-78726-004
Sales Drawing
SD-78726-002
This document was generated on 10/29/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0787261031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0787261030 MOLEX11-0787261030 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261032 MOLEX11-0787261032 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261033 MOLEX11-0787261033 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261034 MOLEX11-0787261034 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
0787261035 MOLEX11-0787261035 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.38m Gold Plating, 288 Circuits
More results

Similar Description - 0787261031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0787261029 MOLEX11-0787261029 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261065 MOLEX11-0787261065 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261002 MOLEX11-0787261002 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261066 MOLEX11-0787261066 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261011 MOLEX11-0787261011 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261042 MOLEX11-0787261042 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261003 MOLEX11-0787261003 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261007 MOLEX11-0787261007 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261008 MOLEX11-0787261008 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261009 MOLEX11-0787261009 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261026 MOLEX11-0787261026 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com