Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC35005W Datasheet(PDF) 1 Page - Kingtronics International Company

Part # KBPC35005W
Description  High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

KBPC35005W Datasheet(HTML) 1 Page - Kingtronics International Company

  KBPC35005W_15 Datasheet HTML 1Page - Kingtronics International Company KBPC35005W_15 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 35 Amperes
◆Ideal for printed circuit board
◆Reliable low cost construction technique
results in inexpensive product
◆High temperature soldering guaranteed:
260
/ 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
◆UL Recognized File number: E347214
◆Case: Molded plastic
◆Lead: solder plated
◆Polarity: As marked
Rating at 25
ambient temperature unless othe
rwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
Type Number
SYMBOLS
KBPC
35005W
KBPC
3501W
KBPC
3502W
KBPC
3504W
KBPC
3506W
KBPC
3508W
KBPC
3510W
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TC=55℃
I(AV)
35
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
400
A
Maximum Instantaneous Forward Voltage at 17.5A
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking voltage per Element
IR
10
μA
Typical Thermal Resistance (Note)
RθJC
2.0
/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Note: Thermal Resistance from Junction to Case.
FEATURES
KBPC-W
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
ME CHANICAL DATA
KBPC35005W THRU
KBPC3510W


Similar Part No. - KBPC35005W_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
KBPC35005W-G COMCHIP-KBPC35005W-G Datasheet
104Kb / 3P
   Silicon Bridge Rectifiers
logo
Microdiode Electronics ...
KBPC35005W CHENDA-KBPC35005W_V01 Datasheet
543Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
KBPC35005W HY-KBPC35005W_V01 Datasheet
403Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBPC35005W_15

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
KBPC35005 KINGTRONICS-KBPC35005_15 Datasheet
404Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15_11 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC15 YANGJIE-GBPC15 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510 Datasheet
423Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1500G JGD-KBPC1500G Datasheet
157Kb / 2P
   HIGH CURRENT 15,25,35 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
KBPC25005 KINGTRONICS-KBPC25005_15 Datasheet
412Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
MP1500G JGD-MP1500G Datasheet
160Kb / 2P
   HIGH CURRENT 15 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Surge Components
GBPC15 SURGE-GBPC15 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com