Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-3013T-A6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-3013T-A6
Description  Wide Temperature Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-3013T-A6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-3013T-A6 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-3013T-A6 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-3013T-A6 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-3013T-A6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
Dimensions 81 x 169.5 x 127 mm
Flexible I/O Design
LEC-3013T provides different models
with various I/O options, including 4,
6 or 8 serial COM ports and 2 or 4
GbE LAN ports.
ESD and Magnetic Isolation
Protections
LEC-3013T is equipped with not
only 15kV ESD/surge protection for
the serial COM ports but also 1.5 kV
magnetic isolation protection for the
Ethernet ports.


Similar Part No. - LEC-3013T-A6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3013-A4 ETC2-LEC-3013-A4 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3013-A6 ETC2-LEC-3013-A6 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3013-A8 ETC2-LEC-3013-A8 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3013-I10 ETC2-LEC-3013-I10 Datasheet
207Kb / 2P
   DIN rail Box PC with Intel Atom D525 Processor
More results

Similar Description - LEC-3013T-A6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3012A ETC2-LEC-3012A Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??N455 CPU
LEC-6020 ETC2-LEC-6020 Datasheet
747Kb / 4P
   Fanless Industrial DIN Rail Security Box IPC with Intel짰 Atom??N2600 CPU
LEC-3020 ETC2-LEC-3020 Datasheet
195Kb / 2P
   Fanless Industrial DIN Rail Communication Platform with Intel짰 Atom??N2600 CPU Preliminary Specification
LEC-2312 ETC2-LEC-2312 Datasheet
316Kb / 2P
   Fanless Industrial PC with Intel짰 Atom??N455 CPU
LEC-3013-I10 ETC2-LEC-3013-I10 Datasheet
207Kb / 2P
   DIN rail Box PC with Intel Atom D525 Processor
logo
Lanner All Rights Reser...
LEC-3031 LANNER-LEC-3031 Datasheet
499Kb / 2P
   Industrial Grade DIN Rail Box PC with Intel짰 Atom E3825 Processor
logo
Advantech Co., Ltd.
ARK-1503 ADVANTECH-ARK-1503_14 Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
ARK-1503 ADVANTECH-ARK-1503 Datasheet
535Kb / 2P
   Intel짰 Atom??D525/D425 Fanless Embedded Box PC Integrated Display Interface
logo
Contec Co., Ltd
BX-830 CONTEC-BX-830 Datasheet
323Kb / 3P
   BOX-PC Wide Temperature, Atom E3845, Fanless
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com