Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0788603002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0788603002
Description  DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.762m Gold Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0788603002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0788603002 Datasheet HTML 1Page - Molex Electronics Ltd. 0788603002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0788603002
Status:
Active
Overview:
DDR4 DIMM Sockets
Description:
DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.762µm Gold Plating,
288 Circuits, PCB Thickness 2.36mm, 3.18mm Tail Length, Black Housing, Black Latch
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-78860-002 (PDF)
General
Product Family
Memory Module Sockets
Series
78860
Comments
Black Housing, Black Latch
Component Type
Socket
Electrical Model
Yes
JEDEC Outline
MO-309
Overview
DDR4 DIMM Sockets
Product Name
DDR4 DIMM
UPC
889056223973
Physical
Circuits (Loaded)
288
Circuits (maximum)
288
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Matte Tin
Material - Resin
Nylon
Net Weight
5.328/g
PC Tail Length
3.18mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
2.36mm
Packaging Type
Tray
Pitch - Mating Interface
0.85mm
Pitch - Termination Interface
0.85mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.75A
Voltage - Maximum
29V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contains SVHC(2015
June 15): No
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
78860 Series


Similar Part No. - 0788603002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0788603003 MOLEX11-0788603003 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.762m Gold Plating
More results

Similar Description - 0788603002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0788603003 MOLEX11-0788603003 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.762m Gold Plating
0788603052 MOLEX11-0788603052 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.762m Gold Plating
0788601584 MOLEX11-0788601584 Datasheet
58Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
0788601594 MOLEX11-0788601594 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
0788601595 MOLEX11-0788601595 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
0788601502 MOLEX11-0788601502 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
0788601552 MOLEX11-0788601552 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
0788601562 MOLEX11-0788601562 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
0788601566 MOLEX11-0788601566 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
0788601585 MOLEX11-0788601585 Datasheet
57Kb / 2P
   DDR4 DIMM Socket, Ultra-Low-Profile, Vertical Through-Hole, 0.381m Gold Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com