Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002DW Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 2N7002DW
Description  Dual N-channel
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2N7002DW Datasheet(HTML) 4 Page - Infineon Technologies AG

  2N7002DW Datasheet HTML 1Page - Infineon Technologies AG 2N7002DW Datasheet HTML 2Page - Infineon Technologies AG 2N7002DW Datasheet HTML 3Page - Infineon Technologies AG 2N7002DW Datasheet HTML 4Page - Infineon Technologies AG 2N7002DW Datasheet HTML 5Page - Infineon Technologies AG 2N7002DW Datasheet HTML 6Page - Infineon Technologies AG 2N7002DW Datasheet HTML 7Page - Infineon Technologies AG 2N7002DW Datasheet HTML 8Page - Infineon Technologies AG 2N7002DW Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2N7002DW
1 Power dissipation
2 Drain current
P tot=f(T A)
I D=f(T A); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T A=25 °C; D =0
Z thJA=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10-3
10-2
10-1
100
101
1
10
100
V
DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-5
10-4
10-3
10-2
10-1
100
101
102
103
100
101
102
103
t
p [s]
0
0.1
0.2
0.3
0.4
0.5
0
40
80
120
160
T
A [°C]
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0
40
80
120
160
T
A [°C]
Rev.2.3
page 4
2014-09-19


Similar Part No. - 2N7002DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW Datasheet
66Kb / 3P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 2P-1
logo
Unisonic Technologies
2N7002DW UTC-2N7002DW Datasheet
306Kb / 6P
   300m Amps, 60 Volts DUAL N-CHANNEL POWER MOSFET
logo
Weitron Technology
2N7002DW WEITRON-2N7002DW Datasheet
77Kb / 3P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
2N7002DW MCC-2N7002DW Datasheet
190Kb / 2P
   N-Channel MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW Datasheet
164Kb / 3P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 8 - 2
More results

Similar Description - 2N7002DW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSD840N INFINEON-BSD840N_14 Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
logo
List of Unclassifed Man...
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
New Jersey Semi-Conduct...
2N5566 NJSEMI-2N5566 Datasheet
93Kb / 1P
   DUAL N-CHANNEL JFET
logo
Guangdong Kexin Industr...
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com