Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD110-B1 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ESD110-B1
Description  ESD / transient protection according to
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD110-B1 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ESD110-B1 Datasheet HTML 1Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 2Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 3Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 4Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 5Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 6Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 7Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 8Page - Infineon Technologies AG ESD110-B1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ESD110-B1 Series
Product Overview
Final Data Sheet
3
Revision 1.4, 2014-10-23
1
Product Overview
1.1
Features
ESD / transient protection according to:
IEC61000-4-2 (ESD): ±15 kV (air), ±12 kV (contact)
IEC61000-4-5 (Surge): ±2 A (tp = 8 / 20 µs)
Bi-directional, working voltage up to
VRWM = ±18.5 V (AC)
Ultra-low capacitance:
CL = 0.3 pF (typical)
Low clamping voltage:
VCL = 28 V (typical) at ITLP = 16 A
Very low reverse current:
IR < 1 nA (typical)
Pb-free (RoHS compliant) and halogen free package
1.2
Application Examples
ESD Protection of RF signal lines in Near Field Communication (NFC) applications
1.3
Product Description
Figure 1-1
Pin Configuration and Schematic Diagram
Table 1-1
Part Information
Type
Package
Configuration
Marking code
ESD110-B1-02ELS
TSSLP-2-4
1 line, bi-directional
X
ESD110-B1-02EL
TSLP-2-20
1 line, bi-directional
XX
PinConf_and_SchematicDiag.vsd
Pin 1
Pin 2
Pin 1
Pin 2
Pin 1 marking
(lasered)


Similar Part No. - ESD110-B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD110 ETC-ESD110 Datasheet
921Kb / 2P
   Bluetooth-serial Module
logo
Socay Electornics Co., ...
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD110-B1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD218-B1 INFINEON-ESD218-B1 Datasheet
788Kb / 15P
   ESD / transient protection according to
Revision 1.1, 2015-01-13
ESD217-B1-02EL INFINEON-ESD217-B1-02EL Datasheet
420Kb / 13P
   ESD / transient protection according to
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
logo
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com