Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD114-U1-02 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ESD114-U1-02
Description  ESD / Transient protection of high speed data lines exceeding
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD114-U1-02 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ESD114-U1-02 Datasheet HTML 6Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 7Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 8Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 9Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 10Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 11Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 12Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 13Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ESD114-U1-02 Series
Package Information
FinalData Sheet
12
Revision 1.0, 2014-10-30
5.2
TSLP-2-19 (mm)[3]
Figure 14
TSLP-2-19: Package Overview
Figure 15
TSLP-2-19: Footprint
Figure 16
TSLP-2-19: Packing
Figure 17
TSLP-2-19: Marking (example)
TSLP-2-19, -20-PO V01
±0.05
0.6
1
2
0.05 MAX.
+0.01
0.31 -0.02
1) Dimension applies to plated terminals
Pin 1
marking
1)
±0.035
0.5
Bottom view
Top view
TSLP-2-19, -20-FP V01
0.45
Copper
Solder mask
Stencil apertures
0.6
TSLP-2-19, -20-FP V01
0.45
Copper
Solder mask
Stencil apertures
0.6
Type code
Pin 1 marking
TSLP-2-19, -20-MK V01
12


Similar Part No. - ESD114-U1-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD110 ETC-ESD110 Datasheet
921Kb / 2P
   Bluetooth-serial Module
logo
Infineon Technologies A...
ESD110-B1 INFINEON-ESD110-B1 Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02EL INFINEON-ESD110-B1-02EL Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02ELS INFINEON-ESD110-B1-02ELS Datasheet
884Kb / 17P
   ESD / transient protection according to
logo
Socay Electornics Co., ...
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD114-U1-02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4114HMR6 ONSEMI-NUP4114HMR6 Datasheet
198Kb / 9P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
January, 2010 ??Rev. 3
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
logo
First Silicon Co., Ltd
PE15B-0402 FS-PE15B-0402 Datasheet
309Kb / 4P
   ESD protection for high speed data lines to IEC61000-4-2
logo
GOOD-ARK Electronics
ESDPSA0603V24 GOOD-ARK-ESDPSA0603V24 Datasheet
213Kb / 6P
   ESD protection for high speed data lines to IEC61000-4-2
logo
Surge Components
ESDPSA2510V05 SURGE-ESDPSA2510V05 Datasheet
1Mb / 5P
   ESD Protection for high speed data lines to IEC61000-4-2
logo
Shanghai Leiditech Elec...
PESD1542L025 LEIDITECH-PESD1542L025 Datasheet
1Mb / 3P
   ESD protection for high speed data lines to IEC61000-4-2
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com