Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP30E65D1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDP30E65D1
Description  Emitter Controlled Diode Rapid 1 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP30E65D1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDP30E65D1 Datasheet HTML 1Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 2Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 3Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 4Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 5Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 6Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 7Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 8Page - Infineon Technologies AG IDP30E65D1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
IDP30E65D1
EmitterControlledDiodeRapid1Series
Rev.2.1,2014-09-18
MaximumRatings
Foroptimumlifetimeandreliability,Infineonrecommendsoperatingconditionsthatdonotexceed80%ofthemaximumratingsstatedinthisdatasheet.
Parameter
Symbol
Value
Unit
Repetitivepeakreversevoltage,Tvj
≥25°C
VRRM
650
V
Diodeforwardcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IF
60.0
30.0
A
Diodepulsedcurrent,tplimitedbyTvjmax
IFpuls
90.0
A
Diode surge non repetitive forward current
TC=25°C,tp=10.0ms,sinehalfwave
IFSM
180.0
A
PowerdissipationTC=25°C
Ptot
143.0
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
wave soldering 1.6 mm (0.063 in.) from case for 10s
260
°C
Mounting torque, M3 screw
Maximum of mounting processes: 3
M
0.6
Nm
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
Diode thermal resistance,
1)
junction - case
Rth(j-c)
1.05
K/W
Thermal resistance
junction - ambient
Rth(j-a)
62
K/W
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
StaticCharacteristic
Diode forward voltage
VF
IF=30.0A
Tvj=25°C
Tvj=125°C
Tvj=175°C
-
-
-
1.35
1.30
1.26
1.70
-
-
V
Reverse leakage current
IR
VR=650V
Tvj=25°C
Tvj=175°C
-
-
4.0
800.0
40.0
-
µA
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DynamicCharacteristic
Internal emitter inductance
measured 5mm (0.197 in.) from
case
LE
-
7.0
-
nH
1) Please be aware that in non standard load conditions, due to high Rth(j-c), Tvj close to Tvjmax can be reached.


Similar Part No. - IDP30E65D1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP30E65D2 INFINEON-IDP30E65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode
More results

Similar Description - IDP30E65D1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV20E65D1 INFINEON-IDV20E65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Series
IDW80C65D1 INFINEON-IDW80C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-10
IDW30C65D1 INFINEON-IDW30C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-09
IDW60C65D1 INFINEON-IDW60C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-10
IDW75D65D1 INFINEON-IDW75D65D1 Datasheet
1Mb / 12P
   Emitter Controlled Diode Rapid 1 Dual Anode Series
Rev.2.1,2014-12-10
IDFW60C65D1 INFINEON-IDFW60C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Advanced Isolation Rapid Switching Emitter Controlled Diode in fully isolated package
V 2.2 2019-05-20
IDW40E65D1 INFINEON-IDW40E65D1_13 Datasheet
1Mb / 11P
   Rapid Switching Emitter Controlled Diode
Rev.2.2,2013-12-16
IDW30E65D1 INFINEON-IDW30E65D1_13 Datasheet
1Mb / 11P
   Rapid Switching Emitter Controlled Diode
Rev.2.2,2013-12-16
IDFW80C65D1 INFINEON-IDFW80C65D1 Datasheet
918Kb / 11P
   Emitter Controlled Rapid-1 Diode in Advanced Isolation
Revision 1.10 2022-06-24
IDW80C65D2 INFINEON-IDW80C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
Rev.2.1,2014-12-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com