Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP20N60TA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IKP20N60TA
Description  600V low loss switching series third generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP20N60TA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IKP20N60TA Datasheet HTML 7Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 8Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 9Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 10Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 11Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 12Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 13Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 14Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
IKP20N60TA
TrenchStop®series
Rev.2.2,2013-08-27
Figure 17.
Typicalgatecharge
(IC=20A)
QGE,GATECHARGE[nC]
0
25
50
75
100
125
150
0
5
10
15
20
120V
480V
Figure 18.
Typicalcapacitanceasafunctionof
collector-emittervoltage
(VGE=0V,f=1MHz)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
10
20
30
40
50
10
100
1000
Ciss
Coss
Crss
Figure 19.
Typicalshortcircuitcollectorcurrentasa
functionofgate-emittervoltage
(VCE
≤400V,Tj≤150°C)
VGE,GATE-EMITTERVOLTAGE[V]
12
14
16
18
20
0
50
100
150
200
250
300
350
Figure 20.
Shortcircuitwithstandtimeasafunctionof
gate-emittervoltage
(VCE=400V,startatTj=25°C,Tjmax
≤150°C)
VGE,GATE-EMITTERVOLTAGE[V]
10
11
12
13
14
15
0
2
4
6
8
10
12


Similar Part No. - IKP20N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP20N60TA INFINEON-IKP20N60TA Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
More results

Similar Description - IKP20N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ100N60TA INFINEON-IKQ100N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2014-11-21
IKQ100N60T INFINEON-IKQ100N60T Datasheet
1Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2014-11-18
IKB20N60TA INFINEON-IKB20N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-21
IKW75N60H3 INFINEON-IKW75N60H3 Datasheet
1Mb / 16P
   600V hibh speed switching series third generation
2011-12-13 revision:1.2
IGW100N60H3 INFINEON-IGW100N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.1.2,2013-02-07
IKW60N60H3 INFINEON-IKW60N60H3 Datasheet
1Mb / 16P
   600V high speed switching series third generation
2012-05-29 revision:1.2
IGW50N60H3 INFINEON-IGW50N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.2,2014-03-12
IGB30N60H3 INFINEON-IGB30N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGB20N60H3 INFINEON-IGB20N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGW50N60H3 INFINEON-IGW50N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
2010-07-26 revision:1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com