Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW75N60TA Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKW75N60TA
Description  Designed for DC/AC converters for Automotive Application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW75N60TA Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKW75N60TA Datasheet HTML 3Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 4Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 5Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 6Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 7Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 8Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 9Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 10Page - Infineon Technologies AG IKW75N60TA Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IKW75N60TA
TRENCHSTOP
TM Series
q
Power Semiconductors
7
Rev. 2.3
14.07.2014
0A
20A
40A
60A
80A
100A 120A 140A
0.0mJ
4.0mJ
8.0mJ
12.0mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, TJ = 175°C,
VCE = 400V, VGE = 0/15V, RG = 5Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, TJ = 175°C,
VCE = 400V, VGE = 0/15V, IC = 75A,
Dynamic test circuit in Figure E)
25°C
50°C
75°C
100°C
125°C
150°C
0.0mJ
1.0mJ
2.0mJ
3.0mJ
4.0mJ
5.0mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
300V
350V
400V
450V
500V
550V
0m J
2m J
4m J
6m J
8m J
E
ts*
E
on*
*) E
on a n d E ts in c lu d e lo s s e s
due to diode recovery
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses
as a function of junction
temperature
(inductive load, VCE = 400V,
VGE = 0/15V, IC = 75A, RG = 5Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses
as a function of collector emitter
voltage
(inductive load, TJ = 175°C,
VGE = 0/15V, IC = 75A, RG = 5Ω,
Dynamic test circuit in Figure E)
0 mJ
1 mJ
2 mJ
3 mJ
4 mJ
5 mJ
6 mJ
7 mJ
8 mJ
9 mJ
10 mJ
0 Ω
5 Ω
10 Ω
15 Ω
Eon*
Eoff*
Ets*
*) Eon and Ets include losses
due to diode recovery


Similar Part No. - IKW75N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IKW75N60T INFINEON-IKW75N60T Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IKW75N60T INFINEON-IKW75N60T_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
More results

Similar Description - IKW75N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N60TA INFINEON-IKW50N60TA Datasheet
951Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
IKW20N60TA INFINEON-IKW20N60TA Datasheet
606Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.2 27.08.2013
IKW30N60TA INFINEON-IKW30N60TA Datasheet
671Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
Recom International Pow...
RAC-MB1 RECOM-RAC-MB1 Datasheet
146Kb / 1P
   Mounting Bracket for RECOM AC/DC converters
0/2022
logo
RF Monolithics, Inc
SF2060B-1 RFM-SF2060B-1 Datasheet
166Kb / 6P
   Designed for SDARS Receiver IF Application
SF2060B RFM-SF2060B Datasheet
242Kb / 6P
   Designed for SDARS Receiver IF Application
logo
International Rectifier
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com