Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-837A Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-837A
Description  Filtered Connector Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-837A Datasheet(HTML) 2 Page - Glenair, Inc.

  240-837A Datasheet HTML 1Page - Glenair, Inc. 240-837A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-75
Dimensions in inches (millimeters) and are subject to change without notice.
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
240-837A
MIL-DTL-83723 Series III Type
Filtered Connector Adapter, Threaded Coupling
TABLE III: Dimensions
Shell
Size
A Thread
Ø B
8
.562-24 UNEF
.776 (19.7)
10
.688-24 UNEF
.906 (23.0)
12
.875-20 UNEF
1.078 (27.4)
14
.938-20 UNEF
1.141 (29.0)
16
1.062-18 UNEF
1.266 (32.2)
18
1.188-18 UNEF
1.375 (34.9)
20
1.312-18 UNEF
1.510 (38.4)
22
1.438-18 UNEF
1.625 (41.3)
24
1.562-18 UNEF
1.760 (44.7)
Table II: Capacitor Array Code Capacitance Range
Class
Pi - Circuit (pF)
C - Circuit (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
J
70-120
35-60
* Filter Classes X, Y and Z are 250 VDC.
All others are 500 VDC
Table I: Connector Class
Sym
Material
Finish Description
ME
Aluminum
Electroless Nickel
MT
Aluminum
Ni-PTFE 1000 Hour Grey™ Nickel Fluorocarbon Polymer
NF
Aluminum
Cadmium O.D. Over Electroless Nickel
ZL
Stainless Steel Electro-Deposited Nickel
ZN
Aluminum
Zinc-Nickel, Olive Drab
ZR
Aluminum
Zinc Nickel, Black - RoHS


Similar Part No. - 240-837A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-837-AH214-04PS GLENAIR-240-837-AH214-04PS Datasheet
357Kb / 2P
   Connector Adapter
240-837-AH214-04SP GLENAIR-240-837-AH214-04SP Datasheet
357Kb / 2P
   Connector Adapter
240-837-AM14-04PS GLENAIR-240-837-AM14-04PS Datasheet
357Kb / 2P
   Connector Adapter
240-837-AM14-04SP GLENAIR-240-837-AM14-04SP Datasheet
357Kb / 2P
   Connector Adapter
240-837-AMT14-04PS GLENAIR-240-837-AMT14-04PS Datasheet
357Kb / 2P
   Connector Adapter
More results

Similar Description - 240-837A

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
P-FCE17-XXXAD-XX0X AMPHENOLCS-P-FCE17-XXXAD-XX0X Datasheet
114Kb / 1P
   FCE17 SERIES FILTERED D-SUB CONNECTOR, MALE/FEMALE ADAPTER, ROHS COMPLIANT
Rev. F
logo
Glenair, Inc.
240-790-069 GLENAIR-240-790-069 Datasheet
303Kb / 6P
   Series 79 Filtered Filtered Cable Receptacle
240-515-WM36-4PS GLENAIR-240-515-WM36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
2470-1112 GLENAIR-2470-1112 Datasheet
63Kb / 1P
   Combo-D Filtered Plug Connector
240-ITS-WM20-3PS GLENAIR-240-ITS-WM20-3PS Datasheet
480Kb / 2P
   Wall Mount Filtered Receptacle Connector
247-039PA GLENAIR-247-039PA Datasheet
275Kb / 2P
   Filtered Wall Mount Receptacle Connector
logo
VITALCONN ELECTRONICS H...
J26WT1003NP02 VITALCONN-J26WT1003NP02 Datasheet
422Kb / 4P
   10G BASE Filtered Connector Module
logo
Glenair, Inc.
240-021S9PJPAB-P GLENAIR-240-021S9PJPAB-P Datasheet
384Kb / 2P
   D-Subminiature Connector EMI Filtered
logo
VITALCONN ELECTRONICS H...
J11DT11W6DPAA1 VITALCONN-J11DT11W6DPAA1 Datasheet
877Kb / 2P
   Singel 10G BASE Filtered Connector Module
logo
Glenair, Inc.
240-ITS-JM20-3PS GLENAIR-240-ITS-JM20-3PS Datasheet
481Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com