Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0879781031 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0879781031
Description  1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0879781031 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0879781031 Datasheet HTML 1Page - Molex Electronics Ltd. 0879781031 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/30/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879781031
Status:
Active
Description:
1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile
Black Latches, 240 Circuits, 1.8V Center Voltage Key, 3.18mm Tail Length, 0.03µm
Gold (Au) Plating, Lead-Free
Documents:
3D Model
Product Specification PS-87978-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
87978
Comments
<LI> Latches in Black Color
Component Type
Socket
JEDEC Outline
N/A
Product Name
DDR2 DIMM
UPC
822350307161
Physical
Circuits (Loaded)
240
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
9.460/g
PC Tail Length
3.18mm
PCB Retention
Yes
PCB Thickness - Recommended
2.40mm
Packaging Type
Tray
Pitch - Mating Interface
1.00mm
Plating min - Mating
0.051µm
Plating min - Termination
2.540µm
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
30V
Voltage Key
1.8V, Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
265
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contains SVHC(2015
June 15): No
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
87978 Series
Mates With
JEDEC Standard 1.27mm Modules


Similar Part No. - 0879781031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879781031 MOLEX10-0879781031 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key, 3.18mm (.125) Tail
More results

Similar Description - 0879781031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879780021 MOLEX11-0879780021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
0879781021 MOLEX11-0879781021 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins,
0879780031 MOLEX11-0879780031 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins,
0879780051 MOLEX11-0879780051 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
0879781051 MOLEX11-0879781051 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins
0781560001 MOLEX11-0781560001 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, Vertical, Surface Mount, with Beveled Metal Pins
0482060005 MOLEX11-0482060005 Datasheet
28Kb / 2P
   1.00mm Pitch FB DIMM Socket, Vertical, with Beveled Metal Pins and White Latch
0783210012 MOLEX11-0783210012 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
0482064005 MOLEX11-0482064005 Datasheet
28Kb / 2P
   1.00mm Pitch FB DIMM Socket, Vertical, with Beveled Metal Pins and White Latch
0780790001 MOLEX9-0780790001 Datasheet
820Kb / 10P
   1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com