Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6390XS32D6-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6390XS32D6-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6390XS32D6-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6390XS32D6-T Datasheet HTML 1Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 2Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 3Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 4Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 5Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 6Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 7Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 8Page - Maxim Integrated Products MAX6390XS32D6-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = full range, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Note 1: Specifications over temperature are guaranteed by design, not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MR Minimum Input Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR to Reset Delay
200
ns
MAX6381–MAX6389
32
63
100
k
MR Internal Pullup Resistance
MAX6390
800
1350
2300
TA = +25°C
1.245
1.27
1.295
TA = 0°C to +85°C
1.232
1.308
Reset IN Input Threshold
VTHRST
TA = -40°C to +125°C
1.219
1.321
V
RESET IN to RESET Delay
VRESETIN falling at 4mV/µs from
VTHRST + 40mV to VTHRST - 40mV
4.5
µs
RESET IN Input Leakage Current
IRESET IN
-50
±1
+50
nA
VCC
≥ 4.5V, ISINK = 3.2mA, reset asserted
0.4
VCC
≥ 2.5V, ISINK = 1.2mA, reset asserted
0.3
Open-Drain RESET Output
Voltage
VOL
VCC
≥ 1.0V, ISINK = 80µA, reset asserted
0.3
V
Open-Drain RESET Output
Leakage Current
ILKG
VCC > VTH, RESET not asserted
1.0
µA
VCC
≥ 4.5V, ISINK = 3.2mA, reset asserted
0.4
VCC
≥ 2.5V, ISINK = 1.2mA, reset asserted
0.3
VOL
VCC
≥ 1.0V, ISINK = 80µA, reset asserted
0.3
VCC
≥ 4.5V, ISOURCE = 800µA, reset not
asserted
0.8
VCC
Push-Pull RESET Output Voltage
VOH
VCC
≥ 2.5V, ISOURCE = 500µA, reset not
asserted
0.8
VCC
V
VCC
≥ 4.5V, ISOURCE = 800µA, reset asserted
0.8
VCC
VCC
≥ 2.5V, ISOURCE = 500µA, reset asserted
0.8
VCC
VCC
≥ 1.8V, ISOURCE = 150µA, reset asserted
0.8
VCC
VOH
VCC
≥ 1.0V, ISOURCE = 1µA, reset asserted
0.8
VCC
VCC
≥ 4.5V, ISINK = 3.2mA, reset not
asserted
0.4
Push-Pull RESET Output Voltage
VOL
VCC
≥ 2.5V, ISINK = 1.2mA, reset not
asserted
0.3
V


Similar Part No. - MAX6390XS32D6-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6390XS MAXIM-MAX6390XS Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390XS__D_+T MAXIM-MAX6390XS__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6390XS32D6-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com