Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA4 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFA4
Description  SAFETY RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFA4 Datasheet(HTML) 1 Page - Hongfa Technology

  HFA4 Datasheet HTML 1Page - Hongfa Technology HFA4 Datasheet HTML 2Page - Hongfa Technology HFA4 Datasheet HTML 3Page - Hongfa Technology HFA4 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7;
;OLZ[XOY
Sbi]e
l_mcmn[h]_
Ec_f_]nlc]
mnl_hanb
Dihn[]n l[ncha .R_m4 fi[^/
IONHGB RFLBY
JSO?667aJSO5TS7<?:?aJSO7:667aOISBS7>667aJFDQ QD 6>6666 DFRTJGJFE
867; R_p4 7466
Bjjlir4 9<6gW
Dicf jiq_l
Gcf_ Ni4@F79:;7=
<B 8==VBD 5 8;6VBD 5 78;VBD [n >;iD
<B 96VED [n >;iD
Pcfin ^ons@ 8B 8:6VBD [n liig n_gj4
H9:
<B 8;6VBD [n >;iD
<B 96VED [n >;iD
BD37;@ 74;B 8:6VBD [n liig n_gj4
BD37;@ 8B 8:6VBD [n liig n_gj4
Gcf_ Ni4@:669:9:8
=;6/
8NO18ND .8I8E nsj_/
9NO17ND .9I7E nsj_/
Tsj_ B
766g g[r4 .[n 7B <VED/
BaShO8
<B 8;6VBD 5 96VED
:66VBD 5 96VED
<B
7;66VB 57>6W
7r76;OPS
E6;:FK D:?6K
|D:?6K I>F= ;BD8>7?K <G>9:9 8BAF68FE}
e Mofnc ]ihn[]n [ll[ha_g_hnm@ 8NO18ND2
9NO17ND
e Gil]c\fs aoc^_^ ]ihn[]nm []]il^cha ni FN;686;
e <B mqcn]bcha ][j[\cfcns
e Liq chjon jiq_l@ 9<6gW
e Icab chmof[ncih ][j[\cfcns@ 76eV mola_ pifn[a_
\_nq__h chjon [h^ ionjon
e ULchmof[ncih msmn_g@ Df[mm G [p[cf[\f_
e Fhpclihg_hn[f `lc_h^fs jli^o]n .RiIS ]igjfc[hn/
e Oonfch_ Ecg_hmcihm@ .:646 r 7946 r 8:46/ gg
8=6D68F:D>EF>8E
7666M .[n ;66VED/
:666VBD 7 gch
7;66VBD 7 gch
8;66VBD 7 gch .=3>5?376/
:666VBD 7 gch .Onb_l/
76eV .748 5 ;6wm/
;eV .748 5 ;6wm/
86gm g[r4
86gm g[r4
NO5ND@76It ni ;;It 74;gg EB
NO@;;It ni 866It2 ?>g5m
8
ND@;;It ni 866It2 :?g5m
8
766g5m
8
?>6g5m
8
>gg
;4;gg
>gg
;4;gg
;, ni >;, RI
3:6iDni>;iD
PDC
Bjjlir4 86a
Gfor jlii`_^
C_nq__h ]icf - ]ihn[]nm
C_nq__h ]ihn[]n m_nm
C_nq__h ]icf - ]ihn[]nm
C_nq__h ]icf - ]ihn[]nm
C_nq__h ]ihn[]nm
C_nq__h ]ihn[]nm
<
?
78
7>
8:
9<
:>
:4;
<4>
?46
794;
7>46
8=46
9<46
64<
64?
748
74>
84:
94<
:4>
766r.7 76,/
88;r.7 76,/
:66r.7 76,/
?66r.7 76,/
7<66 r .7 76,/
9<66 r .7 76,/
<:66 r .7 76,/
=4>
774=
7;4<
894:
9748
:<4>
<84:
[n 89
8B>? 96F6
Nigch[f
Vifn[a_
VED
Pc]e3oj
Vifn[a_
VED
g[r4
Elij3ion
Vifn[a_
VED
gch4
M[r4
Vifn[a_
VED
Dicf l_mcmn[h]_
Sola_
pifn[a_
Vc\l[ncih l_mcmn[h]_
Dl__j[a_
^cmn[h]_
Df_[l[h]_
^cmn[h]_
Dihn[]n [ll[ha_g_hn
Ff_]nlc][f _h^ol[h]_
M_]b[hc][f _h^ol[h]_
M[r4 mqcn]bcha jiq_l
M[r4 mqcn]bcha ]oll_hn
M[r4 mqcn]bcha pifn[a_
Dihn[]n g[n_lc[f
Dihn[]n l_mcmn[h]_
Gil]c\fs aoc^_^ ]ihn[]nm
Tsj__[]]il^cha ni FN;686;`
Jhmof[ncih l_mcmn[h]_
C_nq__h ]icf - ]ihn[]nm
C_nq__h ij_h ]ihn[]nm
C_nq__h ]ihn[]n m_nm
Oj_l[n_ ncg_ .[n l[n_^ pifn[a_/
R_f_[m_ ncg_ .[n l[n_^ pifn[a_/
Goh]ncih[f
E_mnlo]ncp_
Iogc^cns
Bg\c_hn n_gj_l[nol_
T_lgch[ncih
Uhcn q_cabn
Dihmnlo]ncih
8B>?
8BAF68F 96F6
E6;:FK 6CCDBH6? D6F>A<E
G?*8G?
H
9:
AVZOY5 7/ M[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_4
8/ Gil jli^o]nm qcnb l[n_^ pifn[a_ c :>V2 g_[mol_m mbiof^ \_
n[e_h ni jl_p_hn ]icf ip_lpifn[a_ ch il^_l ni jlin_]n ]icf ch n_mn
[h^ [jjfc][ncih ._a4 Dihh_]n ^ci^_m ch j[l[ff_f/4
AVZOY5 7/ Bff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
8/ Ohfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Onb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
7r76;OPS .7NO@ <B 96VED2
R_mcmncp_ fi[^2 [n >;d27m ih?m i``/
;r76:OPS .7NO@ <B 8;6VBD2
R_mcmncp_ fi[^2 [n >;d27m ih?m i``/
AVZOY5 7/ Tb_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
8/ ULchmof[ncih msmn_g@ Df[mm G2 Df[mm C4
8/
7/


Similar Part No. - HFA4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA4/12-2H2DTGF HONGFA-HFA4/12-2H2DTGF Datasheet
104Kb / 4P
   SAFETY RELAY
HFA4/12-2H2DTGF HONGFA-HFA4/12-2H2DTGF Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4/12-3H1DTGF HONGFA-HFA4/12-3H1DTGF Datasheet
104Kb / 4P
   SAFETY RELAY
HFA4/12-3H1DTGF HONGFA-HFA4/12-3H1DTGF Datasheet
63Kb / 3P
   SAFETY RELAY
More results

Similar Description - HFA4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
   Safety Relay SR2M
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
   Safety Relay Unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com