Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N60G-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N60G-TF3-T
Description  N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60G-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  7N60G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 7N60G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 7N60G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 7N60G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 7N60G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 7N60G-TF3-T Datasheet HTML 6Page - Unisonic Technologies 7N60G-TF3-T Datasheet HTML 7Page - Unisonic Technologies 7N60G-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N60-R
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-984. A
7.4A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 7N60-R is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching time,
low gate charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in switching power supplies and
adaptors.
FEATURES
* RDS(ON) = 1.2 @ VGS = 10V, ID = 3.7A
* Fast Switching Capability
* Avalanche Energy Tested
* Improved dv/dt Capability, High Ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
7N60L-TA3-T
7N60G-TA3-T
TO-220
G
D
S
Tube
7N60L-TF3-T
7N60G-TF3-T
TO-220F
G
D
S
Tube
7N60L-TF1-T
7N60G-TF1-T
TO-220F1
G
D
S
Tube
7N60L-TF2-T
7N60G-TF2-T
TO-220F2
G
D
S
Tube
7N60L-T2Q-T
7N60G-T2Q-T
TO-262
G
D
S
Tube
7N60L-TQ2-R
7N60G-TQ2-R
TO-263
G
D
S
Tape Reel
7N60L-TQ2-T
7N60G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 7N60G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60G-TF3-T UTC-7N60G-TF3-T Datasheet
193Kb / 6P
   7.4A, 600V N-CHANNEL POWER MOSFET
7N60G-TF3-T UTC-7N60G-TF3-T Datasheet
349Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
7N60G-TF3-T UTC-7N60G-TF3-T Datasheet
205Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
7N60G-TF3-T UTC-7N60G-TF3-T Datasheet
205Kb / 6P
   N-CHANNEL POWER MOSFET
7N60G-TF3-T UTC-7N60G-TF3-T Datasheet
204Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N65Z UTC-6N65Z_15 Datasheet
245Kb / 6P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF202 UTC-TF202_11 Datasheet
212Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF202 UTC-TF202_15 Datasheet
208Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123 Datasheet
201Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
2N60K-TA UTC-2N60K-TA Datasheet
242Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123_15 Datasheet
193Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
5N80 UTC-5N80_15 Datasheet
248Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
8N60 UTC-8N60_15 Datasheet
238Kb / 9P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40K-MT UTC-13N40K-MT Datasheet
216Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com