Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N65L-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 10N65L-TF3-T
Description  N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N65L-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  10N65L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 10N65L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 10N65L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 10N65L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 10N65L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 10N65L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10N65-C
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-A79.a
ELECTRICAL CHARACTERISTICS( TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID= 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=30V, VDS=0V
100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ ID=250 µA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4.75A
0.60 0.80
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0 MHz
1520 1750 pF
Output Capacitance
COSS
160
210
pF
Reverse Transfer Capacitance
CRSS
11
15
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD=30V, ID=0.5A, RG=25Ω
(Note1, 2)
95
120
ns
Turn-On Rise Time
tR
128
160
ns
Turn-Off Delay Time
tD(OFF)
228
260
ns
Turn-Off Fall Time
tF
115
130
ns
Total Gate Charge
QG
VDS=50V, ID=1.3A, VGS=10V
(Note1, 2)
40
60
nC
Gate-Source Charge
QGS
12
nC
Gate-Drain Charge
QGD
8.8
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=10A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
10
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
38
A
Reverse Recovery Time
trr
VGS=0V, IS=10A,
dIF/dt=100A/µs (Note1)
420
ns
Reverse Recovery Charge
QRR
4.2
µC
Notes: 1. Pulse Test : Pulse width ≤300µs, Duty cycle ≤2%
2. Essentially independent of operating temperature


Similar Part No. - 10N65L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N65L-TF3-T UTC-10N65L-TF3-T Datasheet
341Kb / 8P
   10A, 650V N-CHANNEL POWER MOSFET
10N65L-TF3-T UTC-10N65L-TF3-T Datasheet
396Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
logo
SHENZHEN DOINGTER SEMIC...
10N65L-TF3-T DOINGTER-10N65L-TF3-T Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 10N65L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
K1109 UTC-K1109_11 Datasheet
173Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109 Datasheet
70Kb / 2P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_10 Datasheet
141Kb / 3P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UTT40N08 UTC-UTT40N08 Datasheet
156Kb / 3P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
1N50K-TA UTC-1N50K-TA Datasheet
238Kb / 7P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N50K-MT UTC-10N50K-MT Datasheet
192Kb / 5P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03 UTC-UT108N03_15 Datasheet
194Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_15 Datasheet
191Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UF830-F UTC-UF830-F Datasheet
264Kb / 6P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com