Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N70L-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 10N70L-TF3-T
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N70L-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  10N70L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N70-C
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A80.A
10A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 10N70-C is a high voltage and high current power
MOSFET, designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have a
high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) <0.86Ω@VGS =10V
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
10N70L-TF3-T
10N70G-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING INFORMATION
PACKAGE
MARKING
TO-220


Similar Part No. - 10N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N70L-TF3-T UTC-10N70L-TF3-T Datasheet
196Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
10N70L-TF3-T UTC-10N70L-TF3-T Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70L-TF3-T UTC-10N70L-TF3-T Datasheet
207Kb / 6P
   N-CHANNEL POWER MOSFE
More results

Similar Description - 10N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
   N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Microsemi Corporation
MSAGX75F60A MICROSEMI-MSAGX75F60A Datasheet
45Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com