Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2585 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 3 Page - Texas Instruments

  LM2585 Datasheet HTML 1Page - Texas Instruments LM2585 Datasheet HTML 2Page - Texas Instruments LM2585 Datasheet HTML 3Page - Texas Instruments LM2585 Datasheet HTML 4Page - Texas Instruments LM2585 Datasheet HTML 5Page - Texas Instruments LM2585 Datasheet HTML 6Page - Texas Instruments LM2585 Datasheet HTML 7Page - Texas Instruments LM2585 Datasheet HTML 8Page - Texas Instruments LM2585 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
Electrical Characteristics
LM2585-3.3
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 19 (1)
VOUT
Output Voltage
VIN = 4V to 12V
3.3
3.17/3.14
3.43/3.46
V
ILOAD = 0.3A to 1.2A
ΔVOUT/
Line Regulation
VIN = 4V to 12V
20
50/100
mV
ΔVIN
ILOAD = 0.3A
ΔVOUT/
Load Regulation
VIN = 12V
20
50/100
mV
ΔILOAD
ILOAD = 0.3A to 1.2A
η
Efficiency
VIN = 5V, ILOAD = 0.3A
76
%
UNIQUE DEVICE PARAMETERS(2)
VREF
Output Reference
Measured at Feedback Pin
3.3
3.242/3.234
3.358/3.366
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
2.0
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
1.193
0.678
2.259
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp
VCOMP = 0.5V to 1.6V
260
151/75
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(3)
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2585 is used as shown in Figure 19 and Figure 20, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
LM2585-5.0
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 19 (1)
VOUT
Output Voltage
VIN = 4V to 12V
5.0
4.80/4.75
5.20/5.25
V
ILOAD = 0.3A to 1.1A
ΔVOUT/
Line Regulation
VIN = 4V to 12V
20
50/100
mV
ΔVIN
ILOAD = 0.3A
ΔVOUT/
Load Regulation
VIN = 12V
20
50/100
mV
ΔILOAD
ILOAD = 0.3A to 1.1A
η
Efficiency
VIN = 12V, ILOAD = 0.6A
80
%
UNIQUE DEVICE PARAMETERS(2)
VREF
Output Reference
Measured at Feedback Pin
5.0
4.913/4.900
5.088/5.100
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
3.3
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
0.750
0.447
1.491
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp
VCOMP = 0.5V to 1.6V
165
99/49
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(3)
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2585 is used as shown in Figure 19 and Figure 20, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2585


Similar Part No. - LM2585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585 NSC-LM2585 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-12 NSC-LM2585S-12 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-12 NSC-LM2585S-12 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results

Similar Description - LM2585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com