Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N70L-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 10N70L-TF3-T
Description  N-CHANNEL POWER MOSFE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N70L-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  10N70L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 10N70L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N70-Q
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-967. A
10A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 10N70-Q is a high voltage and high current power
MOSFET, designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have a
high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) =1.2Ω@VGS =10V
* Low gate charge ( typical 44 nC)
* Low Crss ( typical 18 pF)
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
1
TO-220F
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
10N70L-TF1-T
10N70G-TF1-T
TO-220F1
G
D
S
Tube
10N70L-TF3-T
10N70G-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 10N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N70L-TF3-T UTC-10N70L-TF3-T Datasheet
196Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
10N70L-TF3-T UTC-10N70L-TF3-T Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70L-TF3-T UTC-10N70L-TF3-T Datasheet
218Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - 10N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65K-MK4 UTC-3N65K-MK4 Datasheet
210Kb / 6P
   N-CHANNEL POWER MOSFE
logo
Shanghai Leiditech Elec...
LM23T20V06 LEIDITECH-LM23T20V06 Datasheet
521Kb / 3P
   N-Channel MOSFE T
logo
IXYS Corporation
IXTP150N15X4A IXYS-IXTP150N15X4A Datasheet
243Kb / 6P
   Power MOSFE
logo
Cystech Electonics Corp...
MTE025N04N3 CYSTEKEC-MTE025N04N3 Datasheet
419Kb / 9P
   40V N-Channel Enhancement Mode MOSFE
logo
ACE Technology Co., LTD...
ACE160P17B ACE-ACE160P17B Datasheet
238Kb / 2P
   P-Channel Enhancement Mode Power MOSFE
VER 1.2
logo
Vishay Siliconix
SI4860DY VISHAY-SI4860DY Datasheet
39Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFE
Rev. C, 14-Apr-03
logo
Cystech Electonics Corp...
MTC4503BH8 CYSTEKEC-MTC4503BH8 Datasheet
1Mb / 14P
   N-AND P-Channel Enhancement Mode MOSFE
logo
Vishay Siliconix
SI4411DY VISHAY-SI4411DY Datasheet
41Kb / 5P
   P-Channel 30-V (D-S) MOSFE
Rev. B, 24-Mar-03
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ_08 Datasheet
1Mb / 9P
   20V Complementary PowerTrench짰 MOSFE
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com