Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2650 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2650
Description  Synchronous Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2650 Datasheet(HTML) 1 Page - Texas Instruments

  LM2650_15 Datasheet HTML 1Page - Texas Instruments LM2650_15 Datasheet HTML 2Page - Texas Instruments LM2650_15 Datasheet HTML 3Page - Texas Instruments LM2650_15 Datasheet HTML 4Page - Texas Instruments LM2650_15 Datasheet HTML 5Page - Texas Instruments LM2650_15 Datasheet HTML 6Page - Texas Instruments LM2650_15 Datasheet HTML 7Page - Texas Instruments LM2650_15 Datasheet HTML 8Page - Texas Instruments LM2650_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2650
www.ti.com
SNVS133C – JUNE 1999 – REVISED APRIL 2013
LM2650 Synchronous Step-Down DC/DC Converter
Check for Samples: LM2650
1
FEATURES
DESCRIPTION
The LM2650 is a step-down DC/DC converter
2
Ultra High Efficiencies (95% possible)
featuring high efficiency over a 3A to milliamperes
High Efficiency Over a 3A to Milliamperes
load range. This feature makes the LM2650 an ideal
Load Range
fit in battery-powered applications that demand long
Synchronous Switching of Internal NMOS
battery life in both run and standby modes.
Power FETs
The
LM2650
also
features
a
logic-controlled
Wide Input Voltage Range (4.5V to 18V)
shutdown mode in which it draws at most 25
μA from
the input power supply.
Output Voltage Adjustable from 1.5V to 16V
Automatic Low-Power Sleep Mode
The LM2650 employs a fixed-frequency pulse-width
modulation (PWM) and synchronous rectification to
Logic-Controlled Micropower Shutdown (IQSD
achieve very high efficiencies. In many applications,
25 µA)
efficiencies reach 95%+ for loads around 1A and
Frequency Adjustable up to 300 kHz
exceed 90% for moderate to heavy loads from 0.2A
Frequency Synchronization with External
to 2A.
Signal
A low-power hysteretic or "sleep" mode keeps
Programmable Soft-Start
efficiencies high at light loads. The LM2650 enters
and exits sleep mode automatically as the load
Short-Circuit Current Limiting
crosses "sleep in" and "sleep out" thresholds. The
Thermal Shutdown
LM2650
provides
nodes
for
programming
both
Available in 24-lead Small-Outline Package
thresholds via external resistors. A logic input allows
the user to override the automatic sleep feature and
APPLICATIONS
keep the LM2650 in PWM mode regardless of the
load level.
Notebook and Palmtop Personal Computers
An optional soft-start feature limits current surges
Portable Data Terminals
from the input power supply at start up and provides
Modems
a simple means of sequencing multiple power
Portable Instruments
supplies.
Global Positioning Devices (GPSs)
Battery-Powered Digital Devices
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2650_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2650M-ADJ NSC-LM2650M-ADJ Datasheet
215Kb / 11P
   Synchronous Step-Down DC/DC Converter
LM2650MX-ADJ NSC-LM2650MX-ADJ Datasheet
215Kb / 11P
   Synchronous Step-Down DC/DC Converter
More results

Similar Description - LM2650_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com