Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2682 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2682
Description  LM2682 Switched Capacitor Voltage Doubling Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2682 Datasheet(HTML) 1 Page - Texas Instruments

  LM2682_15 Datasheet HTML 1Page - Texas Instruments LM2682_15 Datasheet HTML 2Page - Texas Instruments LM2682_15 Datasheet HTML 3Page - Texas Instruments LM2682_15 Datasheet HTML 4Page - Texas Instruments LM2682_15 Datasheet HTML 5Page - Texas Instruments LM2682_15 Datasheet HTML 6Page - Texas Instruments LM2682_15 Datasheet HTML 7Page - Texas Instruments LM2682_15 Datasheet HTML 8Page - Texas Instruments LM2682_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM2682
www.ti.com
SNVS044B – NOVEMBER 1999 – REVISED MAY 2013
LM2682 Switched Capacitor Voltage Doubling Inverter
Check for Samples: LM2682
1
FEATURES
DESCRIPTION
The LM2682 is a CMOS charge-pump voltage
2
Inverts Then Doubles Input Supply Voltage
inverter capable of converting positive voltage in the
Small VSSOP Package and SOIC Package
range of +2.0V to +5.5V to the corresponding
90
Ω Typical Output Impedance
doubled
negative
voltage
of
−4.0V
to
−11.0V
respectively. The LM2682 uses three low cost
94% Typical Power Efficiency at 10 mA
capacitors to provide 10 mA of output current without
the cost, size, and EMI related to inductor based
APPLICATIONS
circuits. With an operating current of only 150
μA and
LCD Contrast Biasing
an operating efficiency greater than 90% with most
loads, the LM2682 provides ideal performance for
GaAs Power Amplifier Biasing
battery powered systems. The LM2682 offers a
Interface Power Supplies
switching frequency of 6 kHz.
Handheld Instrumentation
Laptop Computers and PDAs
Typical Operating Circuit and Pin Configuration
8-Pin VSSOP
or 8-Pin SOIC
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2682_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682M NSC-LM2682M Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
LM2682MM NSC-LM2682MM Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
LM2682MMX NSC-LM2682MMX Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
LM2682MX NSC-LM2682MX Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
More results

Similar Description - LM2682_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com