Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2698 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2698
Description  LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2698 Datasheet(HTML) 3 Page - Texas Instruments

  LM2698_15 Datasheet HTML 1Page - Texas Instruments LM2698_15 Datasheet HTML 2Page - Texas Instruments LM2698_15 Datasheet HTML 3Page - Texas Instruments LM2698_15 Datasheet HTML 4Page - Texas Instruments LM2698_15 Datasheet HTML 5Page - Texas Instruments LM2698_15 Datasheet HTML 6Page - Texas Instruments LM2698_15 Datasheet HTML 7Page - Texas Instruments LM2698_15 Datasheet HTML 8Page - Texas Instruments LM2698_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PWM
COMP
OVP
COMP
ERROR
AMP
UVP
COMP
LOGIC
Oscillator
85% Duty
Cycle Limit
Load Current
Measurement
Driver
Internal
Supply
Shutdown
Comparator
Thermal
Shutdown
Bandgap Voltage
Reference
+
-
+
BG
-
+
BG
+
BG
-
VIN
GND
VC
FSLCT
¦
SW
FB
SHDN
RESET
RESET
DRIVE
UVP
SD
THERMAL
OVP
SET
-
LM2698
www.ti.com
SNVS153E – MAY 2001 – REVISED APRIL 2013
Block Diagram
ORDERING INFORMATION(1)
ORDER NUMBER
PACKAGE TYPE
PACKAGE QUANTITY
LM2698MM-ADJ
1000
LM2698MM-ADJ/NOPB
1000
VSSOP
LM2698MMX-ADJ
3500
LM2698MMX-ADJ/NOPB
3500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2698


Similar Part No. - LM2698_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2698MM-ADJ NSC-LM2698MM-ADJ Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
LM2698MMX-ADJ NSC-LM2698MMX-ADJ Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
More results

Similar Description - LM2698_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2698 NSC-LM2698 Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com