Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP04S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HP04S
Description  Low cost and no external components required.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP04S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HP04S Datasheet HTML 1Page - List of Unclassifed Manufacturers HP04S Datasheet HTML 2Page - List of Unclassifed Manufacturers HP04S Datasheet HTML 3Page - List of Unclassifed Manufacturers HP04S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HP04S Digit Pressure sensor Module v1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
1
Feature
HP04S
. Integrated Digit pressure sensor Module.
. 300-1100hpa absolute pressure range.
. Temperature Compensated for pressure.
. Digit signal output , easy SPI interface with MCU.
. Low power consumption.
. Compact size and easy control.
. Operating voltage: 2.4v – 3.6v.
. Low cost and no external components required.
.
Application
. Pressure measurement system.
. Weather forecast product.
. Mobile altimeter/ barometer system.
. Adventure and Multi-mode Watch.. GPS Receivers.
General description
1. The HP04S is a miniature barometer module that include a pressure sensor, a high accuracy A/D
converter and a MCU(for calculation and communication). It include CS(chip select), CP, DATA,
VDD port to interface with MCU.
2. Hp04s serial output both temperature data and pressure data.
3. Hp04s Test value through the jump point (+ / 2,4,6) compensation for the current pressure
value
Pin Descriptions:
Pad no.
Pad name
I/O
Description
1
VDD
I
Module power supply.
2
GND
---
Negative power supply.
3
CS
I
Enable hp04s module operation.(High level active).
4
CP
I
Clock input from control system.
5
DATA
O
Data signal output.
6
VPP
---
For test only.
Absolute Maximum Ratings.
Parameter
Symbol
Min
Max
Unit
Supply voltage
VDD
- 0.3
4
V
Over pressure
Pov
15
Bar(abs)


Similar Part No. - HP04S

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP04011R0M2 ABC-HP04011R0M2 Datasheet
112Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP04011R0ML ABC-HP04011R0ML Datasheet
110Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP04011R2ML ABC-HP04011R2ML Datasheet
110Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP04011R5ML ABC-HP04011R5ML Datasheet
110Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP04012R2ML ABC-HP04012R2ML Datasheet
110Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - HP04S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
[Old version datasheet]   No External Components Required
logo
Gamma Microelectronics ...
GM9135 GAMMA-GM9135 Datasheet
280Kb / 5P
   Only 5 external components required
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505_11 Datasheet
256Kb / 10P
   Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
   No External Clock Required.
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
   No external components required Operating temperature -70째 to 150째C
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
   No external matching required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
   No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
   No External Clock Required
logo
XP Power Limited
ASB110 XPPOWER-ASB110 Datasheet
607Kb / 4P
   No Extra Components Required
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com