Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPTA6000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HPTA6000
Description  High Temperature Pressure Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPTA6000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HPTA6000 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPTA6000 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPTA6000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.cn
Characteristics
Measurement media
Non-aggressive fluids and gases
Type
AE2
Output signal
compensated
Pressure from
Front/ back
side
Dimensions
Chip size
(mm
2)
2.5×2.5
Total height
(mm)
0.9
Glass thickness
(mm)
0.5
Hole diameter
(mm)
0.7
Maximum ratings
Storage temperature
Tst
(C°)
-40--250
Operating temperature
Ta
(C°)
-30--180
Supply voltage (max.)
VDD
(V)
10
Temperature
characteristics
VDD=5V
Temperature coefficients ofthe bridge
resistance
( %/
C°)
0.25---0.35
Temperature coefficientsof the
Sensitivity
( %/
C°)
-
0.25---- 0.15
Temperature coefficients of the
Zero
( %/
C°)
-
0.10---+0.10
Characteristics Ta =25°C VDD=5V
Bridge resistance (min/max)Rs
(KΩ)
4.0—6.0
Offset voltage (min/max)V0
(MV)
-25---+25
Nonlinearity (typ)NL
(%FS)
±0.2
Output span (typ)VSP
(MV)
25------40


Similar Part No. - HPTA6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPTA0020 ETC2-HPTA0020 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0100 ETC2-HPTA0100 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
   High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
More results

Similar Description - HPTA6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
   High Temperature Pressure Sensor
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0020 ETC2-HPTA0020 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA1000 ETC2-HPTA1000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0100 ETC2-HPTA0100 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA4000 ETC2-HPTA4000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA25000 ETC2-HPTA25000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA40000 ETC2-HPTA40000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com