Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM73 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM73
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM73 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RFM73 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Page 7 of 27
RFM73 V2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Figure 4 PRX (PRIM_RX=1) state control diagram
4.2
Power Down Mode
In power down mode RFM73 is in sleep
mode with minimal current consumption. SPI
interface is still active in this mode, and all
register values are available by SPI. Power
down mode is entered by setting the PWR_UP
bit in the CONFIG register to low.
4.3
Standby-I Mode
By setting the PWR_UP bit in the CONFIG
register to 1 and de-asserting CE to 0, the
device enters standby-I mode. Standby-I mode
is
used
to
minimize
average
current
consumption while maintaining short start-up
time. In this mode, part of the crystal oscillator
is active. This is also the mode which the
RFM73 returns to from TX or RX mode when
CE is set low.
4.4
Standby-II Mode
In standby-II mode more clock buffers are
active than in standby-I mode and much more
current is used. Standby-II occurs when CE is
held high on a PTX device with empty TX
FIFO. If a new packet is uploaded to the TX
FIFO
in
this
mode,
the
device
will
automatically enter TX mode and the packet is
transmitted.
4.5
TX Mode
PTX device (PRIM_RX=0)
The TX mode is an active mode where the
PTX device transmits a packet. To enter this
mode from power down mode, the PTX device
must
have
the PWR_UP
bit set high,
PRIM_RX bit set low, a payload in the TX
FIFO, and a high pulse on the CE for more
than 10µs.


Similar Part No. - RFM73

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RFM73100RDC1P TOKEN-RFM73100RDC1P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC1TR TOKEN-RFM73100RDC1TR Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC2P TOKEN-RFM73100RDC2P Datasheet
318Kb / 3P
   RFM High Frequency MELF Resistors
RFM73100RDC2P TOKEN-RFM73100RDC2P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC2T TOKEN-RFM73100RDC2T Datasheet
318Kb / 3P
   RFM High Frequency MELF Resistors
More results

Similar Description - RFM73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75 ETC2-RFM75 Datasheet
757Kb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
   Low Power High Performance 2.4 GHz GFSK Transceiver
BK2425 ETC2-BK2425 Datasheet
1Mb / 30P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM73P ETC2-RFM73P Datasheet
865Kb / 25P
   Low Power High Performance 2.4 GHz GFSK Transceiver Module
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
MCR20AVHM NXP-MCR20AVHM Datasheet
636Kb / 39P
   Low power, high-performance 2.4 GHz IEEE 802.15.4 compliant transceiver with connectivity
Rev. 3.2, 07/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com