Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL-SF1016D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TL-SF1016D
Description  16-Port 10/100M Desktop Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SF1016D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TL-SF1016D Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SF1016D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Up to 200Mbps full duplex
bandwidth capability for
high speed data processing
Innovative energy-ecient
technology saves power up to 30%
Hassle free setup,
no conguration required
www.tp-link.com
Description:
The TL-SF1016D 16-Port 10/100M desktop switch provides an easy way to expand your wired network. All 16 ports
support auto MDI/MDIX, no need to worry about the cable type, simply plug and play. Featuring full duplex, the
TL-SF1016D can process the data at a speed of up to 200Mbps, making it an ideal choice for expanding your high
performance wired network. Moreover, with the innovative energy-efficient technology, the TL-SF1016D can save up to
35% of the power consumption, making it an eco-friendly solution for your home or office network.
TL-SF1016D
16-Port 10/100M Desktop Switch


Similar Part No. - TL-SF1016D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL-SF1016DS ETC2-TL-SF1016DS Datasheet
848Kb / 3P
   10/100Mbps Desktop/Rackmount Switch
More results

Similar Description - TL-SF1016D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
MTD516 ETC1-MTD516 Datasheet
265Kb / 27P
   16 Port 10M/100M Ethernet Switch
logo
Zarlink Semiconductor I...
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
   Managed 9-Port 10/100M Ethernet Switch
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
IP1726LF ETC2-IP1726LF Datasheet
249Kb / 33P
   26-port 10/100M Smart Switch Controller
logo
ORing Industrial Networ...
DES-3082GP-P ORING-DES-3082GP-P Datasheet
1Mb / 4P
   Industrial 10-port desktop managed Ethernet switch
logo
Zarlink Semiconductor I...
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com