Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3200 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3200
Description  LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3200 Datasheet(HTML) 5 Page - Texas Instruments

  LM3200_15 Datasheet HTML 1Page - Texas Instruments LM3200_15 Datasheet HTML 2Page - Texas Instruments LM3200_15 Datasheet HTML 3Page - Texas Instruments LM3200_15 Datasheet HTML 4Page - Texas Instruments LM3200_15 Datasheet HTML 5Page - Texas Instruments LM3200_15 Datasheet HTML 6Page - Texas Instruments LM3200_15 Datasheet HTML 7Page - Texas Instruments LM3200_15 Datasheet HTML 8Page - Texas Instruments LM3200_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM3200
www.ti.com
SNVS319C – NOVEMBER 2004 – REVISED APRIL 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design if the component values in the typical application circuit are used.
These parameters are not specified by production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRESPONSE Time for VOUT to Rise
VIN = 4.2V, COUT = 4.7 µF,
from 0.8V to 3.4V in
RLOAD = 15Ω
25
µs
PWM Mode
L = 2.2 uH
CCON
VCON Input Capacitance
VCON = 1V,
15
pF
Test frequency = 100 kHz
TON_BYP
Bypass FET Turn On
VIN = 3.6V, VCON = 0.267V,
Time In Bypass Mode
COUT = 4.7 µF, RLOAD = 15Ω
30
µs
BYP = Low to High
TBYP
Auto Bypass Detect
(1)
10
15
20
µs
Delay Time
(1)
VIN is compared to the programmed output voltage (VOUT). When VIN–VOUT falls below VBYPASS− for longer than TBYP the Bypass FET
turns on and the switching FETs turn off. This is called the Bypass mode. Bypass mode is exited when VIN–VOUT exceeds VBYPASS
+ for
longer than TBYP, and PWM mode returns. The hysterisis for the bypass detection threshold VBYPASS
+ – V
BYPASS− will always be
positive and will be approximately 200 mV(typ.).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3200


Similar Part No. - LM3200_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TL NSC-LM3200TL Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TLX NSC-LM3200TLX Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

Similar Description - LM3200_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com