Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF140FFI Datasheet(PDF) 6 Page - Hongfa Technology

Part # HF140FFI
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF140FFI Datasheet(HTML) 6 Page - Hongfa Technology

  HF140FFI Datasheet HTML 1Page - Hongfa Technology HF140FFI Datasheet HTML 2Page - Hongfa Technology HF140FFI Datasheet HTML 3Page - Hongfa Technology HF140FFI Datasheet HTML 4Page - Hongfa Technology HF140FFI Datasheet HTML 5Page - Hongfa Technology HF140FFI Datasheet HTML 6Page - Hongfa Technology HF140FFI Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
778
Vl`hbq
Rrqifkb Gfjbkpflkp
Fljmlkbkqp ^s^fi^_ib
AFE>=@9 8=?9@D=A@D- H=C=@; 8=5;C5? 5@8 B76A5C8 >5JAFE
Xkfq@ jj
Ubq^fkbo
Xkfq@ jj
8=?9@D=A@ A: C9>5E98 7A?BA@9@E +5G5=>56>9,
Zfofkd Gf^do^j 5 SFE O^vlrq
7:II38]3F:
Vmofkd3il^aba qbojfk^i
GLQ o^fi jlrkqfkd
Zfqe cfkdbo molqb`qflk absf`b
mi^pqf` obq^fkbo 7:II3K<
j^ohbo 7:II3P7
mird3fk jlarib
KIDD ql KIKX1
/Wlm Yfbt0
7:II3K9/Pbq^iif` obq^fkbo0
7:6II38]3F9
mi^pqf` obq^fkbo 7:6I3K7
j^ohbo 7:6II3P7
grjmbo 7:6II3M7
/Wlm Yfbt0
/Wlm Yfbt0
V`obt qbojfk^i
GLQ o^fi lo V`obt jlrkqfkd
Zfqe cfkdbo molqb`qflk absf`b
8>4;
94:
;>4;
:7
894;
7<
=4<
88
78
87
77
8:
7:
D8
D7
QF
FRP
QR
FRLO
64>
964<
83U74:
7:II3K</Si^pqf` obq^fkbo0
74:
74?
8948
7;4<
7<
9
8848
7:6I3K7/Si^pqf` obq^fkbo0
@X\P[4 1 Sib^pb obcbo ql qeb molar`q a^q^pebbq fc mird3fk jlarib fp obnrfoba4
7<49
:948
?49 ?49
?4?
/Wlm Yfbt0
QF
FRP
QR
FRLO
87
77
8:
7:
D8
88
D7
78


Similar Part No. - HF140FFI

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF140FF HONGFA-HF140FF Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HFXXX HONGFA-HF140FF/003-2HFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGFXXX HONGFA-HF140FF/003-2HGFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGXXX HONGFA-HF140FF/003-2HGXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF140FFI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com