Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3242 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3242
Description  LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3242 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3242 Datasheet HTML 2Page - Texas Instruments LM3242 Datasheet HTML 3Page - Texas Instruments LM3242 Datasheet HTML 4Page - Texas Instruments LM3242 Datasheet HTML 5Page - Texas Instruments LM3242 Datasheet HTML 6Page - Texas Instruments LM3242 Datasheet HTML 7Page - Texas Instruments LM3242 Datasheet HTML 8Page - Texas Instruments LM3242 Datasheet HTML 9Page - Texas Instruments LM3242 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM3242
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
www.ti.com
6.6 System Characteristics
The following spec table entries are ensured by design providing the component values in the Typical Application are used.
These parameters are not ensured by production testing. Minimum and Maximum values apply over the full operating
ambient temperature range (
−30°C ≤ TA ≤ +90°C) and over the VIN range = 2.7 V to 5.5 V unless otherwise specified. L = 0.5
µH, DCR = 50 m
Ω, CIN = 10 µF, 6.3 V, 0603 (1608), COUT = 4.7 µF, 6.3 V, 0402.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D
Maximum duty cycle
100%
VIN = VGS = 3.1 V, IOUT = –500 mA
RBP
Bypass mode resistance(1)
75
m
VCON > 1.16 V
2.7 V
≤ VIN ≤ 5.5 V
750
2.5 × VCON
≤ VIN − 285 mV
Maximum output current
IOUT
mA
2.7 V
≤ VIN ≤ 5.5 V
capability
2.5 × VCON
≥ VIN – 165 mV, Bypass
1000
mode
CVCON
VCON input capacitance
VCON = 1 V, Test frequency = 100 KHz
< 1
pF
−3%
3%
VOUT
VCON range 0.16 V to 1.44 V
0 mA
≤ IOUT ≤ 750 mA
(2)
Linearity
−50
50
mV
VIN = 3.6 V, VOUT = 0.8 V
75%
IOUT = 10 mA, ECO mode
VIN = 3.6 V, VOUT = 1.8 V
η
Efficiency
90%
IOUT = 200 mA, PWM mode
VIN = 3.9 V, VOUT = 3.3 V
95%
IOUT = 500 mA, PWM mode
VIN = 3.6 V to 4.2 V, TR = TF = 10 µs,
LINE TR
Line transient response
50
mVpk
IOUT = 100 mA, VOUT = 0.8V
VIN = 3.1 V/3.6 V/4.5 V, VOUT = 0.8 V,
LOAD TR
Load transient response
IOUT = 50 mA to 150 mA
50
mVpk
TR = TF = 0.1 µs
(1)
Total resistance in Bypass mode. Total includes the Bypass FET resistance in parallel with the PWM switch path resistance (PFET
resistance and series inductor parasistic resistance.)
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger. VOUT is monotonic in nature with respect to VCON input.
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
VOUT rise time, VCON change to 90%
VIN = 3.7 V, VOUT = 1.4 V to 3.4 V
9
µs
0.1 µs < VCON_TR < 1 µs, RL = 12 Ω
TVCON_TR
VOUT fall time VCON change to 10%
VIN = 3.7 V, VOUT = 3.4 V to 1.4 V
9
µs
0.1 µs < VCON_TF < 1 µs, RL = 12 Ω
Turnon time (time for output to reach 95% final value after Enable
low-to-high transition)
TON
50(1)
µs
EN = Low-to-High, VIN = 4.2 V, VOUT = 3.4 V
IOUT = < 1 mA, COUT = 4.7 µF
TBP, NEG
Auto bypass detect negative threshold delay time(2)
10
µs
TBP, POS
Auto bypass detect positive threshold delay time(3)
0.1
µs
(1)
This parameter is not production-limit tested.
(2)
Entering Bypass mode VIN is compared to the programmed output voltage (2.5 × VCON). When VIN − (2.5 × VCON) falls below VBP,NEG
longer than TBP,NEG, the Bypass FET turns on, and the switching FET turns on.
(3)
Bypass mode is exited when VIN − (2.5 × VCON) exceeds VBP,POS longer than TBP,POS, and PWM mode resumes. The hysteresis for
the bypass detection threshold VBP,POS – VBP,NEG is always be positive and will be approximately 50 mV.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3242


Similar Part No. - LM3242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3242TME/NOPB TI1-LM3242TME/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3242TMX/NOPB TI1-LM3242TMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
More results

Similar Description - LM3242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com