Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3677 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3677 Datasheet(HTML) 1 Page - Texas Instruments

  LM3677_15 Datasheet HTML 1Page - Texas Instruments LM3677_15 Datasheet HTML 2Page - Texas Instruments LM3677_15 Datasheet HTML 3Page - Texas Instruments LM3677_15 Datasheet HTML 4Page - Texas Instruments LM3677_15 Datasheet HTML 5Page - Texas Instruments LM3677_15 Datasheet HTML 6Page - Texas Instruments LM3677_15 Datasheet HTML 7Page - Texas Instruments LM3677_15 Datasheet HTML 8Page - Texas Instruments LM3677_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 1.0 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3677-
ADJ
VIN
2.7V to 5.5V
R1
R2
C1
C2
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 1.0 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3677
VIN
2.7V to 5.5V
LM3677
www.ti.com
SNVS502F – MARCH 2007 – REVISED MAY 2013
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Check for Samples: LM3677
1
FEATURES
APPLICATIONS
2
16 µA typical quiescent current
Mobile Phones
600 mA maximum load capability
PDAs
3 MHz PWM fixed switching frequency (typ.)
MP3 Players
Automatic PFM/PWM mode switching
W-LAN
Available in 5-bump DSBGA package and 6-pin
Portable Instruments
USON package
Digital Still Cameras
Internal synchronous rectification for high
Portable Hard Disk Drives
efficiency
Internal soft start
DESCRIPTION
The
LM3677
step-down
DC-DC
converter
is
0.01 µA typical shutdown current
optimized for powering ultra-low voltage circuits from
Operates from a single Li-Ion cell battery
a single Li-Ion cell battery and input voltage rails from
Only three tiny surface-mount external
2.7V to 5.5V. It provides up to 600 mA load current
components required (solution size less than
over the entire input voltage range. The LM3677 is
20 mm2)
configured to different fixed voltage output options as
well as an adjustable output voltage version range
Current overload and thermal shutdown
from 1.2V to 3.3V.
protection
TYPICAL APPLICATION CIRCUITS
Figure 1. Typical Application Circuit
Figure 3. Efficiency vs. Output Current
Figure 2. Typical Application Circuit - ADJ.
(VOUT = 1.8V)
Version
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3677_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3677LE-1.2 NSC-LM3677LE-1.2 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.2 NSC-LM3677LE-1.2 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.5 NSC-LM3677LE-1.5 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.5 NSC-LM3677LE-1.5 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.8 NSC-LM3677LE-1.8 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3677_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com