Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5000-3MTCX Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5000-3MTCX
Description  High Voltage Switch Mode Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5000-3MTCX Datasheet(HTML) 3 Page - Texas Instruments

  LM5000-3MTCX Datasheet HTML 1Page - Texas Instruments LM5000-3MTCX Datasheet HTML 2Page - Texas Instruments LM5000-3MTCX Datasheet HTML 3Page - Texas Instruments LM5000-3MTCX Datasheet HTML 4Page - Texas Instruments LM5000-3MTCX Datasheet HTML 5Page - Texas Instruments LM5000-3MTCX Datasheet HTML 6Page - Texas Instruments LM5000-3MTCX Datasheet HTML 7Page - Texas Instruments LM5000-3MTCX Datasheet HTML 8Page - Texas Instruments LM5000-3MTCX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN
-0.3V to 40V
SW Voltage
-0.3V to 80V
FB Voltage
-0.3V to 5V
COMP Voltage
-0.3V to 3V
All Other Pins
-0.3V to 7V
Maximum Junction Temperature
150°C
Power Dissipation(3)
Internally Limited
Lead Temperature
216°C
Infrared (15 sec.)
235°C
ESD Susceptibility(4)
Human Body Model
2kV
Machine Model
200V
Storage Temperature
−65°C to +150°C
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance of various layouts.
The maximum allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
Operating Conditions
Operating Junction Temperature Range(1)
−40°C to +125°C
Supply Voltage(1)
3.1V to 40V
(1)
Supply voltage, bias current product will result in aditional device power dissipation. This power may be significant. The thermal
dissipation design should take this into account.
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range (TJ = −40°C to +125°C) Unless otherwise specified. VIN = 12V and IL = 0A, unless otherwise specified.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
IQ
Quiescent Current
FB = 2V (Not Switching)
2.0
2.5
mA
FS = 0V
FB = 2V (Not Switching)
2.1
2.5
mA
FS = Open
VSHDN = 0V
18
30
µA
VFB
Feedback Voltage
1.2330
1.259
1.2840
V
ICL
Switch Current Limit
1.35
2.0
2.7
A
%VFB/ΔVIN
Feedback Voltage Line
3.1V
≤ VIN ≤ 40V
0.001
0.04
%/V
Regulation
IB
FB Pin Bias Current(3)
55
200
nA
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Bias current flows into FB pin.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5000


Similar Part No. - LM5000-3MTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000-3MTCX NSC-LM5000-3MTCX Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
LM5000-3MTCX NSC-LM5000-3MTCX Datasheet
385Kb / 18P
   High Voltage Switch Mode Regulator
LM5000-3MTCXEP NSC-LM5000-3MTCXEP Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
More results

Similar Description - LM5000-3MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage Switch-Mode Regulator
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
   High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com