Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5017 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 4Page - Texas Instruments LM5017 Datasheet HTML 5Page - Texas Instruments LM5017 Datasheet HTML 6Page - Texas Instruments LM5017 Datasheet HTML 7Page - Texas Instruments LM5017 Datasheet HTML 8Page - Texas Instruments LM5017 Datasheet HTML 9Page - Texas Instruments LM5017 Datasheet HTML 10Page - Texas Instruments LM5017 Datasheet HTML 11Page - Texas Instruments LM5017 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
FB
VIN
VCC
SW
RTN
BST
1.225V
VILIM
LM5017
RON
ILIM
COMPARATOR
+
-
V UVLO
ON/OFF
TIMERS
COT CONTROL
LOGIC
1.225V
START-UP
REGULATOR
VIN
FEEDBACK
DISABLE
THERMAL
SHUTDOWN
UVLO
OVER-VOLTAGE
1.62V
UVLO
4.5V
SD
SHUTDOWN
VDD REG
BG REF
0.66V
20 µA
CURRENT
LIMIT
ONE-SHOT
LM5017
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM5017 step-down switching regulator features all the functions needed to implement a low cost, efficient,
buck converter capable of supplying up to 0.6 A to the load. This high voltage regulator contains 100-V, N-
channel buck and synchronous switches, is easy to implement, and is provided in thermally enhanced HSOP
PowerPAD-8 and WSON-8 packages. The regulator operation is based on a constant on-time control scheme
using an on-time inversely proportional to VIN. This control scheme does not require loop compensation. The
current limit is implemented with a forced off-time inversely proportional to VOUT. This scheme ensures short
circuit protection while providing minimum foldback.
The LM5017 can be applied in numerous applications to efficiently regulate down higher voltages. This regulator
is well suited for 48-V telecom and automotive power bus ranges. Protection features include: thermal shutdown,
Undervoltage Lockout (UVLO), minimum forced off-time, and an intelligent current limit.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM5017


Similar Part No. - LM5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5017MR TI1-LM5017MR Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5017MR/NOPB TI1-LM5017MR/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com