Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T570N Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # T570N
Description  Hermeticaly sealed ceramic package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T570N Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button T570N_14 Datasheet HTML 3Page - Infineon Technologies AG T570N_14 Datasheet HTML 4Page - Infineon Technologies AG T570N_14 Datasheet HTML 5Page - Infineon Technologies AG T570N_14 Datasheet HTML 6Page - Infineon Technologies AG T570N_14 Datasheet HTML 7Page - Infineon Technologies AG T570N_14 Datasheet HTML 8Page - Infineon Technologies AG T570N_14 Datasheet HTML 9Page - Infineon Technologies AG T570N_14 Datasheet HTML 10Page - Infineon Technologies AG T570N_14 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T570N
Date of Publication: 2014-06-18
Revision: 2.3
Seite/page: 8/11
Tc beidseitig
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
-di/dt [A/µs]
Sperrverzögerungsladung / recovered charge Qr = f(-di/dt)
Tvj=Tvjmax, vR=3000V, VRM≤0,8 VRRM
R=83
Ω; C=0,44µF


Similar Part No. - T570N_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T570N INFINEON-T570N Datasheet
249Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-01-18 revision:3.1
More results

Similar Description - T570N_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T280N INFINEON-T280N Datasheet
347Kb / 11P
   Hermeticaly sealed ceramic package
logo
EUROQUARTZ limited
CX3SMAT EUROQUARTZ-CX3SMAT Datasheet
124Kb / 1P
   Hermetically sealed ceramic package
CX6SMAT EUROQUARTZ-CX6SMAT Datasheet
117Kb / 1P
   Hermetically sealed ceramic package
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA710FR10A1NX IRF-RDHA710FR10A1NX_15 Datasheet
119Kb / 5P
   Hermetically Sealed Ceramic Package
logo
MMD Components
MLH3 MMD-MLH3 Datasheet
104Kb / 2P
   Hermetically Sealed Ceramic SMD Package
logo
TXC Corporation.
AB-SERIES TXC-AB-SERIES Datasheet
985Kb / 1P
   Reliable seam sealed ceramic package.
logo
MMD Components
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH5 MMD-MVIH5 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
logo
TXC Corporation.
A2-SERIES TXC-A2-SERIES Datasheet
687Kb / 1P
   Reliable glass sealed ceramic package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com