Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110EE Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Overvoltage, Overtemperature, ESD -Protection
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8110EE_13 Datasheet HTML 4Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 5Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 6Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 7Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 8Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 9Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 10Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 11Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
Data Sheet
8
Rev. 1.4, 2013-07-02
TLE 8110 EE
Smart Multichannel Switch
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 3
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1
GND
Ground
2
P_IN1
Parallel Input Pin 1. Default assignment to Output Channel 1.
3
P_IN2
Parallel Input Pin 2. Default assignment to Output Channel 2.
4
EN
Enable Input Pin. If not needed, connect with Pull-up resistor to VCC.
5RST
Reset Input Pin. (low active). If not needed, connect with Pull-up resistor to VCC.
6
P_IN3
Parallel Input Pin 3. Default assignment to Output Channel 3.
7
P_IN4
Parallel Input Pin 4. Default assignment to Output Channel 4.
8
VDD
Analogue Supply Voltage
9
P_IN5
Parallel Input Pin 5. Default assignment to Output Channel 5.
10
VCC
Digital Supply Voltage
11
S_SO
Serial Peripheral Interface [SPI], Serial Output
12
S_CLK
Serial Peripheral Interface [SPI], Clock Input
13
S_CS
Serial Peripheral Interface [SPI], Chip Select (active Low)
14
S_SI
Serial Peripheral Interface [SPI], Serial Input
15
P_IN6
Parallel Input Pin 6. Default assignment to Output Channel 6.
16
P_IN7
Parallel Input Pin 7. Default assignment to Output Channel 7.
17
P_IN8
Parallel Input Pin 8. Default assignment to Output Channel 8.
18
GND
Ground
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
36
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
11
35
GND
P_IN1
P_IN2
EN
RST
P_IN3
P_IN4
VDD
P_IN5
VCC
S_SO
S_CLK
S_CS
S_SI
P_IN6
P_IN7
P_IN8
GND
GND
OUT7
OUT8
N.C.
GND
OUT5
OUT1
OUT2
P_IN10
P_IN9
OUT3
OUT4
OUT6
GND
N.C.
OUT10
OUT9
GND
Heat-Slug /Exposed
Pad
(back-side)
GND


Similar Part No. - TLE8110EE_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
More results

Similar Description - TLE8110EE_13

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4636-1 LINER-LTM4636-1 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
PESD1206Q-140 MACOM-PESD1206Q-140 Datasheet
176Kb / 6P
   ESD Protector Overvoltage Protection Device
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
   ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
   ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
   ESD Protector Overvoltage Protection Device
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
   Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
Littelfuse
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
   Overtemperature Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com