Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8209-4SA Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE8209-4SA
Description  Short circuit and overtemperature protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8209-4SA Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8209-4SA Datasheet HTML 4Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 5Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 6Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 7Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 8Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 9Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 10Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 11Page - Infineon Technologies AG TLE8209-4SA Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TLE8209-4SA
General Product Characteristics
Data Sheet
8
Rev. 1.2, 2013-07-13
4.2
Operating Range
Note: Within the operating range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Remark
Min.
Max.
4.2.1
V
S supply voltage range
V
S
4.5
28
V
4.2.2
V
DD supply voltage
V
DD
4.4
5.25
V
4.2.3
V
DDIO supply voltage
V
DDIO
05.5
V
4.2.4
PWM frequency
f
–11
kHz
4.2.5
Junction temperature
T
J
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Remark
Min.
Typ.
Max.
4.3.6
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
––
1.6
K/W
4.3.7
Junction to Ambient1)
R
thJA
–17
K/W
2)
2) Simulation according to Jedec JESD51-2,-5,-7; natural convection; FR4 2s2p board 76.2 x 114.3 x 1.5 mm (2 x 70µm Cu,
2 x 35µm Cu)


Similar Part No. - TLE8209-4SA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
More results

Similar Description - TLE8209-4SA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP365 INFINEON-BSP365 Datasheet
65Kb / 6P
   MiniSmart(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
05.03.96
BSP350 INFINEON-BSP350 Datasheet
68Kb / 6P
   MiniPROFET(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
08.04.97
logo
Siemens Semiconductor G...
BSP350 SIEMENS-BSP350 Datasheet
66Kb / 6P
   MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
logo
Maxim Integrated Produc...
MAX8855EVKIT MAXIM-MAX8855EVKIT Datasheet
258Kb / 11P
   Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
Rev 0; 10/10
logo
Siemens Semiconductor G...
BSP550 SIEMENS-BSP550 Datasheet
65Kb / 7P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP550 INFINEON-BSP550 Datasheet
76Kb / 7P
   MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
BSP450 INFINEON-BSP450 Datasheet
76Kb / 7P
   MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
logo
Siemens Semiconductor G...
BSP452 SIEMENS-BSP452 Datasheet
69Kb / 8P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
BSP450 SIEMENS-BSP450 Datasheet
65Kb / 7P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
ATMEL Corporation
ATA6837 ATMEL-ATA6837_10 Datasheet
398Kb / 18P
   Overtemperature Prewarning and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com