Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9260-3QX Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9260-3QX
Description  Dedicated Data Sheets are available for the different product variants
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9260-3QX Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9260-3QX Datasheet HTML 3Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 4Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 5Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 6Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 7Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 8Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 9Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 10Page - Infineon Technologies AG TLE9260-3QX Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 175 page
background image
TLE9260-3QX
Overview
Data Sheet
7
Rev. 1.1, 2014-09-26
Key Features
Very low quiescent current consumption in Stop- and Sleep Mode
Periodic Cyclic Wake in SBC Normal- and Stop Mode
Periodic Cyclic Sense in SBC Normal-, Stop- and Sleep Mode
Low-Drop Voltage Regulator 5V, 250mA
Low-Drop Voltage Regulator 5V, 100mA, protected features for off-board usage
High-Speed CAN Transceiver:
– fully compliant to ISO11898-2 and ISO11898-5
– fully compliant to ISO11898-6 (Partial Networking) inclunding CAN FD tolerant feature
– suitable for chokeless operation up to 500kbps
– supporting CAN FD communication up to 2 Mbps
Fully compliant to “Hardware Requirements for LIN, CAN and FlexRay Interfaces in Automotive Applications”
Revision 1.3, 2012-05-04
Four High-Side Outputs 7Ω typ.
Dedicated supply pin for High-Side Outputs
Two General Purpose High-Voltage In- and Outputs (GPIOs) configurable as add. Fail Outputs, Wake Inputs,
Low-Side switches or High-Side switches
Three universal High-Voltage Wake Inputs for voltage level monitoring
Alternate High-Voltage Measurement Function, e.g. for battery voltage sensing
Configurable wake-up sources
Reset Output
Configurable timeout and window watchdog
Up to three Fail Outputs (depending on configuration)
Over temperature and short circuit protection feature
Wide supply input voltage and temperature range
Software compatible to all SBC families TLE926x and TLE927x
Green Product (RoHS compliant) & AEC Qualified
PG-VQFN-48 leadless exposed-pad power package with Lead Tip Inspection (LTI) feature to support
Automatic Optical Inspection (AOI)


Similar Part No. - TLE9260-3QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9260-3QXV33 INFINEON-TLE9260-3QXV33 Datasheet
6Mb / 174P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
More results

Similar Description - TLE9260-3QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9262QX INFINEON-TLE9262QX Datasheet
6Mb / 163P
   Dedicated Data Sheets are available for the different product variants
TLE9263QXV33 INFINEON-TLE9263QXV33 Datasheet
6Mb / 165P
   Dedicated Data Sheets are available for the different product variants
TLE9260QX INFINEON-TLE9260QX Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QXV33 INFINEON-TLE9262-3QXV33 Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9261QX INFINEON-TLE9261QX Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
TLE9263-3QX INFINEON-TLE9263-3QX Datasheet
7Mb / 198P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QX INFINEON-TLE9262-3QX Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9262QXV33 INFINEON-TLE9262QXV33 Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com