Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF42F Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF42F
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF42F Datasheet(HTML) 1 Page - Hongfa Technology

  HF42F Datasheet HTML 1Page - Hongfa Technology HF42F Datasheet HTML 2Page - Hongfa Technology HF42F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
pBBDAJb igd?0
u;>7 |Abntegghle
u;>7 |Abnr*rdmddfdghife
s;7>75FD;5
EFD7@9F:
,:A5= D7E;EF3@57
rA;> BAI7D
w}|vup +tzp2
5IFSTQIR
ip fid/pr
ip gd/sr
-/ag efi/pr
km
x,}mdde`x,}c-,ejmhm `x,}ehdde`}w,p,eldde`xtr**r dldddd rt+-xuxts
fdei +7Hb ebdd
u;>7 |Abn+idfklgmk
ip fid/pr
ip gd/sr
@WB
T ip EI;F5:;@9 53B34;>;FK
T-/ag efi/pr 3BBDAH76 4K .z EF3@63D6
T fuAD? p E>;? 5A@8;9GD3F;A@
T t@H;DA@?7@F3> 8D;7@6>K BDA6G5F ]+Aw, 5A?B>;3@F^
T }GF>;@7 s;?7@E;A@En ]fhbh J efbl J fhbl^ ??
75.-5
fp
edd? ?3Jb ]3F ep j/sr^
p9,@}f` p9r6}
ip fid/prcgd/sr
fid/prcgd/sr
ip
efid/p c eid0
e J edk}~,
rA@F35F 3DD3@97?7@F
rA@F35F D7E;EF3@57
rA@F35F ?3F7D;3>
rA@F35F D3F;@9 ]+7Eb >A36^
{3Jb EI;F5:;@9 HA>F397
{3Jb EI;F5:;@9 5GDD7@F
{3Jb EI;F5:;@9 BAI7D
{75:3@;53> 7@6GD3@57
eddd{ ]3F idd/sr^
hddd/pr e?;@
eddd/pr e?;@
fddd/pr e?;@
ei?E ?3Jb
ed?E ?3Jb
i[ FA li[ +w
ahd FA kd
ml?cEf
mld?cEf
edwLFA iiwL ebi?? sp
~rq
pBBDAJb ehbi9
j
m
ef
el
fh
hl
hbid
jbki
mbdd
egbi
elbd
gjbd
dbgd
dbhi
dbjd
dbmd
ebfd
fbhd
kbl
eebk
eibj
fgbh
gebf
jfbh
i
gbki
dbfi
jbi
?A1:8;80@A>4 8;@4>:4380@4 =<C4> >490E
2<;@02@ 30@0
270>02@4>8?@82?
2<89
|A?;@3>
/A>F397
/sr
rA;>
+7E;EF3@57
~;5=aGB
/A>F397
/sr
?3Jb
sDABaAGF
/A>F397
/sr
?;@b
{3Jb
/A>F397
/sr _
2<89 30@0
?054@E 0==><B09 >0@8;6?
A9,2A9
x@EG>3F;A@ D7E;EF3@57
q7FI77@ 5A;> \ 5A@F35FE
q7FI77@ AB7@ 5A@F35FE
q7FI77@ 5A@F35F E7FE
}B7D3F7 F;?7 ]3F @A?;b HA>Fb^
+7>73E7 F;?7 ]3F @A?;b HA>Fb^
wG?;6;FK
p?4;7@F F7?B7D3FGD7
uG@5F;A@3>
s7EFDG5F;H7
/;4D3F;A@ D7E;EF3@57
-7D?;@3F;A@
.@;F I7;9:F
jl J ]e ed[^
eii J ]e ed[^
fkd J ]e ed[^
jfd J ]e ed[^
edld J ]e ed[^
hhdd J ]e ed[^
hk J ]e ed[^
3F fg
;OSIR/ e^ -:7 63F3 E:AI@ 34AH7 3D7 ;@;F;3> H3>G7Eb
f^ ~>73E7 8;@6 5A;> F7?B7D3FGD7 5GDH7 ;@ F:7 5:3D35F7D;EF;5 5GDH7E 47>AIb
g^ .z ;@EG>3F;A@ EKEF7?nr>3EE p
;OSIR/ e^ p>> H3>G7E G@EB75;8;76 3D7 3F DAA? F7?B7D3FGD7b
f^ }@>K FKB;53> >A36E 3D7 >;EF76 34AH7b}F:7D >A36 EB75;8;53F;A@E
53@ 47 3H3;>34>7 GBA@ D7CG7EFb
i J edh}~,
]ip fid/pr` +7E;EF;H7 >A36`
+AA? F7?Bb`eEA@ mEA88 ^
t>75FD;53> 7@6GD3@57
~>3EF;5 E73>76
rA@EFDG5F;A@
;OSIR/
_{3J;?G? HA>F397 D787DE FA F:7 ?3J;?G? HA>F397 I:;5: D7>3K
5A;> 5AG>6 7@6GD7 ;@ 3 E:ADF B7D;A6 A8F;?7b


Similar Part No. - HF42F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF42F HONGFA-HF42F Datasheet
59Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F/005-2HSTXXX HONGFA-HF42F/005-2HSTXXX Datasheet
59Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F/005-2HSXXX HONGFA-HF42F/005-2HSXXX Datasheet
59Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F/005-2HTXXX HONGFA-HF42F/005-2HTXXX Datasheet
59Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F/005-2HXXX HONGFA-HF42F/005-2HXXX Datasheet
59Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF42F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com