Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3VNA1801 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3VNA1801
Description  VNA Ruggedized Test Cable SMA Male to SMA Male 18 GHz, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3VNA1801 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3VNA1801 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3VNA1801 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3VNA1801 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3VNA1801 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3VNA1801 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3VNA1801
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3VNA1801-12 = 12 inches long cable
PE3VNA1801-100cm = 100 cm long cable
VNA Ruggedized Test Cable SMA Male to SMA Male 18 GHz, RoHS from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using Ruggedized VNA Test Coax, RoHS PE3VNA1801
URL:
http://www.pasternack.com/sma-male-sma-male-vna-cable-cable-assembly-pe3vna1801-p.aspx
PE3VNA1801 REV 1.0
VNA Ruggedized Test Cable SMA Male
to SMA Male 18 GHz, RoHS
RF Cable Assemblies - PE3VNA1801


Similar Part No. - PE3VNA1801

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3VNA1801-24 PASTERNACK-PE3VNA1801-24 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable SMA Male to SMA
PE3VNA1801-48 PASTERNACK-PE3VNA1801-48 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable SMA Male to SMA
More results

Similar Description - PE3VNA1801

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3VNA1801-48 PASTERNACK-PE3VNA1801-48 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable SMA Male to SMA
PE3VNA1802-48 PASTERNACK-PE3VNA1802-48 Datasheet
445Kb / 5P
   VNA Ruggedized Test Cable SMA Male to SMA
PE3VNA1801-24 PASTERNACK-PE3VNA1801-24 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable SMA Male to SMA
PE3VNA1802-24 PASTERNACK-PE3VNA1802-24 Datasheet
444Kb / 5P
   VNA Ruggedized Test Cable SMA Male to SMA
PE3VNA4004 PASTERNACK-PE3VNA4004 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Male 40GHz, RoHS
PE3TC0301 PASTERNACK-PE3TC0301 Datasheet
682Kb / 5P
   PE-TC151 Series Phase Stable Test Cable SMA Male to SMA Male to 18 GHz ,RoHS
PE3TC0101 PASTERNACK-PE3TC0101 Datasheet
641Kb / 5P
   PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Male to 18 GHz ,RoHS
PE3VNA1804-48 PASTERNACK-PE3VNA1804-48 Datasheet
477Kb / 5P
   VNA Ruggedized Test Cable N Male to N
PE3VNA1803-24 PASTERNACK-PE3VNA1803-24 Datasheet
470Kb / 5P
   VNA Ruggedized Test Cable N Male to N
PE3VNA1804-24 PASTERNACK-PE3VNA1804-24 Datasheet
476Kb / 5P
   VNA Ruggedized Test Cable N Male to N
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com